Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD23/09-1ZP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HFD23/09-1ZP
Description  SUBMINIATURE SIGNAL RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HFD23/09-1ZP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HFD23/09-1ZP Datasheet HTML 1Page - List of Unclassifed Manufacturers HFD23/09-1ZP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dcm]f[cg_l
Tbcm ^[n[mb__n cm `il nb_ ]omnig_lmw l_`_l_h]_3 Aff nb_ mj_]c`c][ncihm [l_ mo\d_]n ni ]b[ha_ qcnbion hinc]_3
W_ ]iof^ hin _p[fo[n_ [ff nb_ j_l`ilg[h]_ [h^ [ff nb_ j[l[g_n_lm `il _p_ls jimmc\f_ [jjfc][ncih3 Tbom nb_ om_l mbiof^ \_ ch [ lcabn jimcncih ni
]biim_ nb_ mocn[\f_ jli^o]n `il nb_cl iqh [jjfc][ncih3 I` nb_l_ cm [hs ko_ls1 jf_[m_ ]ihn[]n Hiha`[ `il nb_ n_]bhc][f m_lpc]_3 Hiq_p_l1 cn cm nb_ om_lwm
l_mjihmc\cfcns ni ^_n_lgch_ qbc]b jli^o]n mbiof^ \_ om_^ ihfs3
u Xc[g_h Hiha`[ Ef_]nli[]iomnc] Ci31 Ln^3 Aff lcabnm i` Hiha`[ [l_ l_m_lp_^3
-2+9+-;/93:;3- -<9=/:
MAXIMUM SWITCHING POWER
ENDURANCE CURVE
Cihn[]n Vifn[a_ .V/
Cihn[]n Coll_hn .A/
6/
R_g[le? 6/ Ih ][m_ i` hi nif_l[h]_ mbiqh ch ionfch_ ^cg_hmcih? ionfch_ ^cg_hmcih U6gg1 nif_l[h]_ mbiof^ \_ v537gg@ ionfch_ ^cg_hmcih W6gg
[h^ U:gg1 nif_l[h]_ mbiof^ \_ v538gg@ ionfch_ ^cg_hmcih W:gg1 nif_l[h]_ mbiof^ \_ v539gg3
7/ Tb_ nif_l[h]_ qcnbion ch^c][ncha `il PCB f[sion cm [fq[sm v536gg3
8/ Tb_ qc^nb i` nb_ alc^^cha cm 73:9gg3
7/
.Binnig pc_q/
-JFG KJQDL
:* S_hmcncp_ nsj_ .6:5gW/
8* Sn[h^[l^ nsj_ .755gW/
-JFG PJGNAED
63:1 81 :1 ;1 >1 671 79VDC
HFD78 4
567
26Z
S
79./9361 360795+;376
;RKD
-JINABN ALLAIEDHDIN
|@* 6 Filg C
7<;436/ .35/6:376:{ >39361 .3+19+5 +6. 8- ,7+9. 4+?7<;
Oonfch_ Dcg_hmcihm
85
536
65
75
95 :5
955
655
755
855
:55
5
295
95
5
275
75
;5
<5
=5
53:
53<
6
538
DC
:
AC
655
755
6:5
:5
7:5
MAX3ALLOWABLE AMBIENT
TEMPERATURE CURVE
M[r3 Affiq[\f_ Ag\c_hn
T_gj_l[nol_. /
PCB L[sion
Wclcha Dc[al[g
.XXX/
Uhcn? gg
.Binnig pc_q/
HFD78
JRC278F .Of^ nsj_/
89
5
537
635
539
53;
53=
637
:
<
:55
655
:5
65
AC
DC
-OMNJHDL MKDBFAG BJCD
Ohfs `il mj_]c[f l_kocl_g_hnm1 _3a3 .:::/ mn[h^m `il RiHS ]igjfc[hn
673: 538
53:
83: 538
53:
<3: 538
;2 6
73:9
6JNDM* 6/ W_ b[p_ hiq al[^o[ffs oj^[n_^ iol il^_lcha ch`ilg[ncih3 W_ moaa_mn h_q nsj_ mbiof^ \_ m_f_]n_^3 I` h_]_mm[ls1 if^ nsj_ ][h \_ e_jn `il
mig_ j_lci^ `il nb_ if^ ]omnig_lm3
7/ HFD78 cm [h _hpclihg_hn[f `lc_h^fs jli^o]n3 Pf_[m_ g[le [ mj_]c[f ]i^_ .:::/ qb_h il^_lcha3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com