Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6902
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6902 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6902 Datasheet HTML 7Page - Analog Devices LTC6902 Datasheet HTML 8Page - Analog Devices LTC6902 Datasheet HTML 9Page - Analog Devices LTC6902 Datasheet HTML 10Page - Analog Devices LTC6902 Datasheet HTML 11Page - Analog Devices LTC6902 Datasheet HTML 12Page - Analog Devices LTC6902 Datasheet HTML 13Page - Analog Devices LTC6902 Datasheet HTML 14Page - Analog Devices LTC6902 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC6908-1/LTC6908-2
11
Rev C
For more information www.analog.com
RSET (Ω)
100
1000
1k
100k
1M
10M
690812 F07
10
10k
10000
TA = 25°C
V+ = 3V
the bandwidth of the switching regulator is sufficient,
not a difficult requirement in most cases, the regulator’s
regulation, efficiency and load response are maintained
while peak electromagnetic radiation (or conduction) is
reduced. Output ripple may be somewhat increased, but
its behavior is very much like noise and its system impact
is benign.
HIGH FREQUENCY REJECTION
Using the LTC6908 in spread spectrum mode naturally
eliminates any concerns for output frequency accuracy
and stability as it is continually hopping to new settings.
In fixed frequency applications however, some attention to
V+ supply voltage ripple is required to minimize additional
output frequency error. Ripple frequency components on
the supply line near the programmed output frequency
of the LTC6908 in excess of 30mVP-P could create an
additional 0.2% of frequency error. In applications where
a fixed frequency LTC6908 output clock is used to syn-
chronize the same switching regulator that provides the
V+ supply to the oscillator, noticeable jitter of the clock
may occur if the ripple exceeds 30mVP-P .
START-UP TIME
The start-up time and settling time to within 1% of the
final value can be estimated by tSTART ≈ RSET • (2.5µs/k)
+ 10µs. For instance, with RSET = 100k, the LTC6908 will
settle to within 1% of its 1MHz final value in approxi-
mately 260µs. Figure 7 shows start-up times for various
RSET resistors. An internal counter mutes the outputs
(OUT1 = Low, OUT2 = High) for the first 64 clock cycles
after power-up, ensuring that the first clock cycle is close
to the desired operating frequency.
JITTER
The Peak-to-Peak Jitter vs Output Frequency graph, in the
Typical Performance Characteristics section, shows the
typical clock jitter as a function of oscillator frequency and
power supply voltage. These specifications assume that
the capacitance on SET is limited to less than 10pF, as
suggested in the Pin Functions description. If this require-
ment is not met, the jitter will increase.
Figure 7. Start-Up Time
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com