Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6902 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC6902
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6902 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC6902 Datasheet HTML 8Page - Analog Devices LTC6902 Datasheet HTML 9Page - Analog Devices LTC6902 Datasheet HTML 10Page - Analog Devices LTC6902 Datasheet HTML 11Page - Analog Devices LTC6902 Datasheet HTML 12Page - Analog Devices LTC6902 Datasheet HTML 13Page - Analog Devices LTC6902 Datasheet HTML 14Page - Analog Devices LTC6902 Datasheet HTML 15Page - Analog Devices LTC6902 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC6908-1/LTC6908-2
16
Rev C
For more information www.analog.com
01/20
ANALOG DEVICES, INC. 2006-2020
www.analog.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1799
1kHz to 33MHz ThinSOT™ Oscillator, Resistor Set
Wide Frequency Range
LTC6900
1kHz to 20MHz ThinSOT Oscillator, Resistor Set
Low Power, Wide Frequency Range
LTC6902
Multiphase Oscillator with Spread Spectrum Modulation
2-, 3-, or 4-Phase Outputs
LTC6903/LTC6904 1kHz to 68MHz Serial Port Programmable Oscillator
0.1% Frequency Resolution, I2C or SPI Interface
LTC6905
17MHz to 170MHz ThinSOT Oscillator, Resistor Set
High Frequency, 100µs Startup, 7ps RMS Jitter
LTC6905-XXX
Fixed Frequency ThinSOT Oscillators, Up to 133MHz
No Trim Components Required
LTC6906/LTC6907 Micropower ThinSOT Oscillator, Resistor Set
10kHz to 1MHz or 40kHz to 4MHz, 36µA at 400kHz
LTC6909
Multiphase Oscillator with Spread Spectrum Modulation
3- to 8-Phase Outputs
Doubling the Output Frequency
Quick Evaluation Circuit for Effects Of Frequency Spreading
Modulation Rate. (DFN Package Demo Board DC814D-J/K)
RSET
OUT1
OUT2
MOD
OUT2
OUT1
V+
GND
SET
690812 TA05a
LTC6908-X
0.1 F
1nF
V+
V+
JUMPER
BLOCK
N = 16
N = 32
N = 64
RSET
OUT1
OUT2
MOD
OUT
NC7SZ86
V+
GND
SET
690812 TA05b
LTC6908-2
0.1 F
V+
RELATED PARTS
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com