Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002CT/C/C1 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8002CT/C/C1
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002CT/C/C1 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8002CT/C/C1 Datasheet HTML 1Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 2Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 3Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 4Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 5Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 6Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 7Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 8Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1999 Oct 12
5
Philips Semiconductors
Product specification
IC card interface
TDA8002C
PINNING
SYMBOL
PIN
I/O
DESCRIPTION
TYPE
CT/A
TYPE
CT/B
TYPE
CT/C
TYPE
CG
XTAL1
1
1
1
30
I
crystal connection or input for external clock
XTAL2
2
2
2
31
O
crystal connection
I/OUC
3
3
3
32
I/O
data I/O line to and from microcontroller
AUX1UC
4441
I/O
auxiliary line 1 to and from microcontroller for synchronous
applications
AUX2UC
5
−−
2
I/O
auxiliary line 2 to and from microcontroller for synchronous
applications
CS
−
5
5
3
I
chip select control input for enabling pins I/OUC, AUX1UC,
AUX2UC, CLKSEL, CLKDIV1, CLKDIV2, STROBE, CV/TV,
CMDVCC, RSTIN, OFF and MODE; note 1
ALARM
6664
O
open drain PMOS reset output for microcontroller (active
HIGH)
CLKSEL
7775
I
control input signal for CLK (LOW = XTAL oscillator;
HIGH = STROBE input)
CLKDIV1
8886
I
control input with CLKDIV2 for choosing CLK frequency
CLKDIV2
9997
I
control input with CLKDIV1 for choosing CLK frequency
STROBE
10
10
10
8
I
external clock input for synchronous applications
CLKOUT
11
11
11
9
O
clock output (see Table 1)
DGND1
12
12
12
10
supply digital ground 1
AGND
13
13
13
11
supply analog ground
S2
14
14
14
12
I/O
capacitance connection for voltage doubler
VDDA
15
15
15
13
supply analog supply voltage
S1
16
16
16
14
I/O
capacitance connection for voltage doubler
VUP
17
17
17
15
I/O
output of voltage doubler
I/O
18
18
18
16
I/O
data I/O line to and from card
AUX2
19
−−
17
I/O
auxiliary I/O line to and from card
PRES
20
19
19
18
I
card input presence contact (active LOW)
PRES
−
20
−−
I
active HIGH card input presence contact
CV/TV
−−
20
19
I
card voltage selection input line (high = 5 V, low = 3 V); note 1
AUX1
21
21
21
20
I/O
auxiliary I/O line to and from card
CLK
22
22
22
21
O
clock to card output (C3I) (see Table 1)
RST
23
23
23
22
O
card reset output (C2I)
VCC
24
24
24
23
O
supply for card (C1I)
CMDVCC
25
25
25
24
I
start activation sequence input from microcontroller (active
LOW)
RSTIN
26
26
26
25
I
card reset input from microcontroller
OFF
27
27
27
26
O
open-drain NMOS interrupt output to microcontroller (active
LOW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com