Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8002CT/C/C1 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8002CT/C/C1
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002CT/C/C1 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8002CT/C/C1 Datasheet HTML 6Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 7Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 8Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 9Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 10Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 11Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 12Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 13Page - NXP Semiconductors TDA8002CT/C/C1 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1999 Oct 12
10
Philips Semiconductors
Product specification
IC card interface
TDA8002C
Table 1
Clock circuitry definition
Notes
1. X = don’t care.
2. In low-power mode.
3. fint = 32 kHz in low-power mode.
MODE
CLKSEL
CLKDIV1
CLKDIV2
FREQUENCY OF
CLK
FREQUENCY OF
CLKOUT
HIGH
LOW
HIGH
LOW
1
⁄2fint
1
⁄2fint
HIGH
LOW
LOW
LOW
1
⁄4fxtal
fxtal
HIGH
LOW
LOW
HIGH
1
⁄2fxtal
fxtal
HIGH
LOW
HIGH
HIGH
STOP low
fxtal
HIGH
HIGH
X(1)
X(1)
STROBE
fxtal
LOW(2)
X(1)
X(1)
X(1)
STOP low
1
⁄2fint(3)
I/O circuitry
The three I/O transceivers are identical. The state is HIGH
for all I/O pins (i.e. I/O, I/OUC, AUX1, AUX1UC, AUX2 and
AUX2UC). Pin I/O is referenced to VCC and pin I/OUC to
VDD, thus ensuring proper operation in the event that
VCC ≠ VDD.
The first side on which a falling edge is detected becomes
a master (input). An anti-latch circuitry first disables the
detection of the falling edge on the other side, which
becomes slave (output), see Fig.8.
After a delay time td (between 50 and 400 ns), the logic 0
present on the master side is transferred on the slave side.
When the input is back to HIGH level, a current booster is
turned on during the delay td on the output side and then
both sides are back to their idle state, ready to detect the
next logic 0 on any side.
In the event of a conflict, both lines may remain LOW until
the software enables the lines to be HIGH. The anti-latch
circuitry ensures that the lines do not remain LOW if both
sides return HIGH, regardless of the prior conditions.
The maximum frequency on the lines is approximately
200 kHz.
When CS is HIGH, I/OUC, AUX1UC and AUX2UC are
internally pulled-up to VDD with 20 kΩ resistors. When
CS is LOW, I/OUC, AUX1UC and AUX2UC are
permanently HIGH (with integrated 100 k
Ω pull-up
resistors connected to VDD).
Fig.8 Master and slave signals.
handbook, full pagewidth
td
MGD703
td
td
I/O
I/OUC
conflict
idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com