Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8010AM Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8010AM
Description  Low power mixers/oscillators for satellite tuners
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8010AM Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8010AM Datasheet HTML 2Page - NXP Semiconductors TDA8010AM Datasheet HTML 3Page - NXP Semiconductors TDA8010AM Datasheet HTML 4Page - NXP Semiconductors TDA8010AM Datasheet HTML 5Page - NXP Semiconductors TDA8010AM Datasheet HTML 6Page - NXP Semiconductors TDA8010AM Datasheet HTML 7Page - NXP Semiconductors TDA8010AM Datasheet HTML 8Page - NXP Semiconductors TDA8010AM Datasheet HTML 9Page - NXP Semiconductors TDA8010AM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1996 Oct 24
6
Philips Semiconductors
Objective specification
Low power mixers/oscillators
for satellite tuners
TDA8010M; TDA8010AM
CHARACTERISTICS
VCC =5V; Tamb =25 °C; measured in application circuit of Fig.6; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCC
supply voltage
4.75
5.0
5.25
V
ICC
supply current
60
70
80
mA
Mixer
fRF
RF frequency range
700
−
2150
MHz
NF
total noise figure (mixer plus IF);
not corrected for image
VAGC = 0.9VCC; fi = 920 MHz
−
810
dB
VAGC = 0.9VCC; fi = 2150 MHz −
13
15
dB
GM
available power gain for mixer
RL = 2.2 kΩ−
10
−
dB
Gmax1
maximum total gain
(mixer + IFOUT1)
fi = 920 MHz; notes 1 and 2
37
40
−
dB
fi = 2150 MHz; notes 1 and 2
36
38
−
dB
Gmin1
minimum total gain
(mixer + IFOUT1)
notes 1 and 2
−−30
−14
dB
Gmax2
maximum total gain
(mixer + IFOUT2)
fi = 920 MHz; notes 1 and 2
36
39
−
dB
fi = 2150 MHz; notes 1 and 2
35
37
−
dB
Gmin2
minimum total gain
(mixer + IFOUT2)
notes 1 and 2
−−30
−15
dB
ZI(RF)
input impedance (Rs +Ls)
from 920 to 2150 MHz
20
30
40
Ω
5
7.5
10
nH
ZO(RF)
output impedance (Rp//Cp)
(open collector)
fIF = 480 MHz
8
12
16
k
Ω
450
550
650
fF
IP3
third-order interception point
see Fig.4
−2+2
−
dBm
IP2
second-order interception point
see Fig.5
10
25
−
dBm
Local oscillator output
VLO
output voltage
RL =50 Ω
87
90
93
dB
µV
SRF
spurious signal on LO output
with respect to LO output signal
RL =50 Ω; note 3
−−35
−10
dB
LOleak
local oscillator leakage
RF input
−−50
−
dBm
IF output (mixer)
−−35
−
dBm
Oscillator
fosc
oscillator frequency range
VCC = 4.5 to 5.5 V;
Tamb = −20 to +80 °C
1380
−
2650
MHz
fosc(max)
maximum oscillator frequency
−
2700
−
MHz
fshift
oscillator frequency shift
VCC = 4.75 to 5.25 V;
at 2550 MHz
−±350
±500
kHz
VCC = 4.75 to 5.25 V;
at 2650 MHz
−±400
±600
kHz
fdrift
oscillator frequency drift
∆T=25 °C; at 2550 MHz
−−8
−15
MHz
∆T=25 °C; at 2650 MHz
−−8
−16
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com