Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8010AM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8010AM
Description  Low power mixers/oscillators for satellite tuners
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8010AM Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8010AM Datasheet HTML 1Page - NXP Semiconductors TDA8010AM Datasheet HTML 2Page - NXP Semiconductors TDA8010AM Datasheet HTML 3Page - NXP Semiconductors TDA8010AM Datasheet HTML 4Page - NXP Semiconductors TDA8010AM Datasheet HTML 5Page - NXP Semiconductors TDA8010AM Datasheet HTML 6Page - NXP Semiconductors TDA8010AM Datasheet HTML 7Page - NXP Semiconductors TDA8010AM Datasheet HTML 8Page - NXP Semiconductors TDA8010AM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1996 Oct 24
2
Philips Semiconductors
Objective specification
Low power mixers/oscillators
for satellite tuners
TDA8010M;
TDA8010AM
FEATURES
• Fully balanced mixer with common base input
• Wide input power and frequency range
• One-band 2 pin oscillator
• Local oscillator buffer and prescaler
• SAW filter IF preamplifier with gain control input and
switchable output
• Bandgap voltage stabilizer for oscillator stability
• External IF filter between the mixer output and the IF
amplifier input.
APPLICATIONS
• Down frequency conversion in DBS (Direct
Broadcasting Satellite) satellite receivers.
GENERAL DESCRIPTION
The TDA8010M; TDA8010AM are integrated circuits that
perform the mixer/oscillator function in satellite tuners.
The devices include a gain controlled IF amplifier that can
directly drive two single-ended SAW filters or a differential
SAW filter using a three function switchable output.
They contain an internal LO prescaler and buffer that is
compatible with the input of a terrestrial or satellite
frequency synthesizer. They are also suitable for digital TV
tuners. These devices are available in small outline
packages that give the designer the capability to design an
economical and physically small satellite tuner.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
4.5
5.0
5.5
V
ICC
supply current
−
70
−
mA
fRF
RF frequency range
700
−
2150
MHz
fosc
oscillator frequency
1380
−
2650
MHz
NFM
mixer noise figure
corrected for image
−
10
−
dB
Gmax
maximum total gain
mixer plus IF
−
40
−
dB
Gmin
minimum total gain
mixer plus IF
−−17
−
dB
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8010M
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1
TDA8010AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com