Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3871 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3871
Description  0.8A Fast Ultra Low Dropout Linear Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3871 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP3871 Datasheet HTML 6Page - National Semiconductor (TI) LP3871 Datasheet HTML 7Page - National Semiconductor (TI) LP3871 Datasheet HTML 8Page - National Semiconductor (TI) LP3871 Datasheet HTML 9Page - National Semiconductor (TI) LP3871 Datasheet HTML 10Page - National Semiconductor (TI) LP3871 Datasheet HTML 11Page - National Semiconductor (TI) LP3871 Datasheet HTML 12Page - National Semiconductor (TI) LP3871 Datasheet HTML 13Page - National Semiconductor (TI) LP3871 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Application Hints (Continued)
DROPOUT VOLTAGE
The dropout voltage of a regulator is defined as the minimum
input-to-output differential required to stay within 2% of the
nominal output voltage. For CMOS LDOs, the dropout volt-
age is the product of the load current and the Rds(on) of the
internal MOSFET.
REVERSE CURRENT PATH
The internal MOSFET in LP3871 and LP3874 has an inher-
ent parasitic diode. During normal operation, the input volt-
age is higher than the output voltage and the parasitic diode
is reverse biased. However, if the output is pulled above the
input in an application, then current flows from the output to
the input as the parasitic diode gets forward biased. The
output can be pulled above the input as long as the current
in the parasitic diode is limited to 200mA continuous and 1A
peak.
POWER DISSIPATION/HEATSINKING
LP3871 and LP3874 can deliver a continuous current of
0.8A over the full operating temperature range. A heatsink
may be required depending on the maximum power dissipa-
tion and maximum ambient temperature of the application.
Under all possible conditions, the junction temperature must
be within the range specified under operating conditions.
The total power dissipation of the device is given by:
P
D =(VIN−VOUT)IOUT+(VIN)IGND
where I
GND is the operating ground current of the device
(specified under Electrical Characteristics).
The maximum allowable temperature rise (T
Rmax) depends
on the maximum ambient temperature (T
Amax) of the appli-
cation, and the maximum allowable junction temperature
(T
Jmax):
T
Rmax =TJmax−TAmax
The maximum allowable value for junction to ambient Ther-
mal Resistance,
θ
JA, can be calculated using the formula:
θ
JA =TRmax /PD
LP3871 and LP3874 are available in TO-220 and TO-263
packages. The thermal resistance depends on amount of
copper area or heat sink, and on air flow. If the maximum
allowable value of
θ
JA calculated above is
≥ 60 ˚C/W for
TO-220 package and
≥ 60 ˚C/W for TO-263 package no
heatsink is needed since the package can dissipate enough
heat to satisfy these requirements. If the value for allowable
θ
JA falls below these limits, a heat sink is required.
HEATSINKING TO-220 PACKAGE
The thermal resistance of a TO220 package can be reduced
by attaching it to a heat sink or a copper plane on a PC
board. If a copper plane is to be used, the values of
θ
JA will
be same as shown in next section for TO263 package.
The heatsink to be used in the application should have a
heatsink to ambient thermal resistance,
θ
HA
≤θ
JA
θ
CH
θ
JC.
In this equation,
θ
CH is the thermal resistance from the case
to the surface of the heat sink and
θ
JC is the thermal resis-
tance from the junction to the surface of the case.
θ
JC is
about 3˚C/W for a TO220 package. The value for
θ
CH de-
pends on method of attachment, insulator, etc.
θ
CH varies
between 1.5˚C/W to 2.5˚C/W. If the exact value is unknown,
2˚C/W can be assumed.
HEATSINKING TO-263 PACKAGE
The TO-263 package uses the copper plane on the PCB as
a heatsink. The tab of these packages are soldered to the
copper plane for heat sinking. Figure 3 shows a curve for the
θ
JA of TO-263 package for different copper area sizes, using
a typical PCB with 1 ounce copper and no solder mask over
the copper area for heat sinking.
As shown in the figure, increasing the copper area beyond 1
square inch produces very little improvement. The minimum
value for
θ
JA for the TO-263 package mounted to a PCB is
32˚C/W.
Figure 4 shows the maximum allowable power dissipation
for TO-263 packages for different ambient temperatures,
assuming
θ
JA is 35˚C/W and the maximum junction tempera-
ture is 125˚C.
20063132
FIGURE 3.
θ
JA vs Copper (1 Ounce) Area for TO-263
package
20063133
FIGURE 4. Maximum power dissipation vs ambient
temperature for TO-263 package
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com