Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3871 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3871
Description  0.8A Fast Ultra Low Dropout Linear Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3871 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3871 Datasheet HTML 1Page - National Semiconductor (TI) LP3871 Datasheet HTML 2Page - National Semiconductor (TI) LP3871 Datasheet HTML 3Page - National Semiconductor (TI) LP3871 Datasheet HTML 4Page - National Semiconductor (TI) LP3871 Datasheet HTML 5Page - National Semiconductor (TI) LP3871 Datasheet HTML 6Page - National Semiconductor (TI) LP3871 Datasheet HTML 7Page - National Semiconductor (TI) LP3871 Datasheet HTML 8Page - National Semiconductor (TI) LP3871 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP3871/LP3874
0.8A Fast Ultra Low Dropout Linear Regulators
General Description
The LP3871/LP3874 series of fast ultra low-dropout linear
regulators operate from a +2.5V to +7.0V input supply. Wide
range of preset output voltage options are available. These
ultra low dropout linear regulators respond very quickly to
step changes in load, which makes them suitable for low
voltage microprocessor applications. The LP3871/LP3874
are developed on a CMOS process which allows low quies-
cent current operation independent of output load current.
This CMOS process also allows the LP3871/LP3874 to op-
erate under extremely low dropout conditions.
Dropout Voltage: Ultra low dropout voltage; typically 24mV
at 80mA load current and 240mV at 0.8A load current.
Ground Pin Current: Typically 6mA at 0.8A load current.
Shutdown Mode: Typically 10nA quiescent current when
the shutdown pin is pulled low.
Error Flag: Error flag goes low when the output voltage
drops 10% below nominal value.
SENSE: Sense pin improves regulation at remote loads.
Precision Output Voltage: Multiple output voltage options
are available ranging from 1.8V to 5.0V with a guaranteed
accuracy of ±1.5% at room temperature, and ±3.0% over all
conditions (varying line, load, and temperature).
Features
n
Ultra low dropout voltage
n
Low ground pin current
n
Load regulation of 0.04%
n
10nA quiescent current in shutdown mode
n
Guaranteed output current of 0.8A DC
n
Available in TO-263 and TO-220 packages
n
Output voltage accuracy ± 1.5%
n
Error flag indicates output status
n
Sense option improves load regulation
n
Minimum output capacitor requirements
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
Applications
n
Microprocessor power supplies
n
GTL, GTL+, BTL, and SSTL bus terminators
n
Power supplies for DSPs
n
SCSI terminator
n
Post regulators
n
High efficiency linear regulators
n
Battery chargers
n
Other battery powered applications
Typical Application Circuits
20063101
*SD and ERROR pins must be pulled high through a 10k
Ω pull-up resistor. Connect the ERROR pin to ground if this function is not used. See application hints
for more information.
September 2003
© 2003 National Semiconductor Corporation
DS200631
www.national.com


Similar Part No. - LP3871

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
360Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871 Datasheet
752Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3871 TI2-LP3871 Datasheet
1Mb / 27P
LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
REVISED JUNE 2015
logo
National Semiconductor ...
LP3871EMP-1.8 NSC-LP3871EMP-1.8 Datasheet
360Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3871EMP-1.8 NSC-LP3871EMP-1.8 Datasheet
752Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3871

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3874-ADJ NSC-LP3874-ADJ Datasheet
693Kb / 15P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871_04 Datasheet
360Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3891EMR-12 TI1-LP3891EMR-12 Datasheet
1Mb / 19P
LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3874EMP-18 NSC-LP3874EMP-18 Datasheet
752Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3874EMP-33 TI1-LP3874EMP-33 Datasheet
1Mb / 24P
LP3871/LP3874 0.8A Fast Ultra Low Dropout Linear Regulators
LP3874-ADJ TI1-LP3874-ADJ Datasheet
1Mb / 20P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891 TI1-LP3891 Datasheet
1Mb / 19P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP38841 TI1-LP38841_16 Datasheet
1Mb / 17P
0.8A Ultra Low Dropout Linear Regulators Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com