Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3871 Datasheet (PDF) - Texas Instruments

LP3871 Datasheet PDF - Texas Instruments
Part # LP3871
Download  LP3871 Download
File Size   1554.75 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators

LP3871 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3871 Datasheet PDF - Texas Instruments

Part # LP3871
Download  LP3871 Click to download

File Size   1554.75 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators

LP3871 Datasheet (HTML) - Texas Instruments


LP3871 Product details

1 Features
1• Input Voltage: 2.5 V to 7 V
• Ultra-Low-Dropout Voltage
• Low Ground Pin Current
• Load Regulation of 0.04%
• 10-nA Quiescent Current in Shutdown Mode
• Specified Output Current of 0.8-A DC
• Output Voltage Accuracy ±1.5%
• ERROR Flag Indicates Output Status
• SENSE Option Improves Load Regulation
• Minimum Output Capacitor Requirements
• Overtemperature/Overcurrent Protection
• −40°C to +125°C Junction Temperature Range

2 Applications
• Microprocessor Power Supplies
• GTL, GTL+, BTL, and SSTL Bus Terminators
• Power Supplies for DSPs
• SCSI Terminator
• Post Regulators
• High-Efficiency Linear Regulators
• Battery Chargers
• Other Battery-Powered Applications

3 Description
The LP3871 and LP3874 series of fast ultra-low-
dropout linear regulators operate from a 2.5-V to 7-V input supply. Wide range of preset output voltage
options are available. These ultra-low-dropout linear
regulators respond very quickly to step changes in
load, which makes them suitable for low voltage microprocessor applications. The devices are
developed on a CMOS process which allows low
quiescent current operation independent of output
load current. This CMOS process also allows the
LP3871 and LP3874 to operate under extremely low dropout conditions.
Dropout Voltage: Ultra-low-dropout voltage; typically
24 mV at 80-mA load current and 240 mV at 0.8-A
load current.
Ground Pin Current: Typically 6 mA at 0.8-A load current.
Shutdown Mode: Typically 10-nA quiescent current
when the SD pin is pulled low.
ERROR Flag: ERROR flag goes low when the output
voltage drops 10% below nominal value.
SENSE: SENSE pin improves regulation at remote
loads.
Precision Output Voltage: Multiple output voltage
options are available ranging from 1.8 V to 5 V with a
ensured accuracy of ±1.5% at room temperature, and
±3% over all conditions (varying line, load, and
temperature).




Similar Part No. - LP3871

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871 Datasheet
360Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871 Datasheet
752Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3871EMP-1.8 NSC-LP3871EMP-1.8 Datasheet
360Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3871EMP-1.8 NSC-LP3871EMP-1.8 Datasheet
752Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
More results


Similar Description - LP3871

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
800mA Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3852 TI-LP3852_15 Datasheet
2Mb / 32P
1.5-A Fast Response Ultra-Low Dropout Linear Regulators
LP3871 TI-LP3871_15 Datasheet
1Mb / 26P
LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
LP3872 TI-LP3872_15 Datasheet
2Mb / 28P
LP387x 1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
3A Fast Ultra Low Dropout Linear Regulators
LP3872 TI1-LP3872_16 Datasheet
2Mb / 28P
1.5-A Fast Ultra-Low-Dropout Linear Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com