Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3871 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3871
Description  LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3871 Datasheet(HTML) 4 Page - Texas Instruments

  LP3871 Datasheet HTML 1Page - Texas Instruments LP3871 Datasheet HTML 2Page - Texas Instruments LP3871 Datasheet HTML 3Page - Texas Instruments LP3871 Datasheet HTML 4Page - Texas Instruments LP3871 Datasheet HTML 5Page - Texas Instruments LP3871 Datasheet HTML 6Page - Texas Instruments LP3871 Datasheet HTML 7Page - Texas Instruments LP3871 Datasheet HTML 8Page - Texas Instruments LP3871 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LP3871, LP3874
SNVS225H – FEBRUARY 2003 – REVISED JUNE 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Input supply voltage (survival)
−0.3
7.5
V
Shutdown input voltage (survival)
−0.3
7.5
V
Output voltage (survival)(3)(4)
−0.3
6
V
IOUT (survival)
Short-circuit protected
Maximum voltage for ERROR Pin
VIN
V
Maximum voltage for SENSE Pin
VOUT
V
Power dissipation(5)
Internally Limited
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
If used in a dual-supply system where the regulator load is returned to a negative supply, the output must be diode-clamped to ground.
(4)
The output PMOS structure contains a diode between the IN and OUT pins. This diode is normally reverse biased. This diode will get
forward biased if the voltage at the output terminal is forced to be higher than the voltage at the input terminal. This diode can typically
withstand 200 mA of DC current and 1 A of peak current.
(5)
Internal thermal shutdown circuitry protects the device from permanent damage.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input supply voltage(1)
2.5
7
V
Shutdown input voltage
−0.3
7
V
Maximum operating current (DC)
0.8
A
Junction temperature
−40
125
°C
(1)
The minimum operating value for VIN is equal to either [VOUT(NOM) + VDROPOUT] or 2.5 V, whichever is greater.
6.4 Thermal Information
LP3871, LP3874
THERMAL METRIC(1)
NC (SOT-223)
KTT (DDPAK/TO-263)
UNIT
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
65.2
40.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
47.2
43.4
°C/W
RθJB
Junction-to-board thermal resistance
9.9
23.1
°C/W
ψJT
Junction-to-top characterization parameter
3.4
11.5
°C/W
ψJB
Junction-to-board characterization parameter
9.7
22
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3871 LP3874



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com