Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3871 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3871
Description  LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3871 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3871 Datasheet HTML 6Page - Texas Instruments LP3871 Datasheet HTML 7Page - Texas Instruments LP3871 Datasheet HTML 8Page - Texas Instruments LP3871 Datasheet HTML 9Page - Texas Instruments LP3871 Datasheet HTML 10Page - Texas Instruments LP3871 Datasheet HTML 11Page - Texas Instruments LP3871 Datasheet HTML 12Page - Texas Instruments LP3871 Datasheet HTML 13Page - Texas Instruments LP3871 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
LP3871, LP3874
SNVS225H – FEBRUARY 2003 – REVISED JUNE 2015
www.ti.com
Device Functional Modes (continued)
7.4.3 ERROR Flag Operation
The LP3871 produces logic low signals at the ERROR Flag pin when the output drops out of regulation due to
low input voltage, current limiting, or thermal limiting. This flag has a built-in hysteresis. The timing diagram in
Figure 10 shows the relationship between the ERROR flag and the output voltage. In this example, the input
voltage is changed to demonstrate the functionality of the ERROR Flag.
The internal ERROR flag comparator has an open drain output stage. Hence, the ERROR pin must be pulled
high through a pullup resistor. Although the ERROR flag pin can sink current of 1mA, this current is energy drain
from the input supply. Hence, the value of the pullup resistor must be in the range of 10 k
Ω to 1 MΩ. The
ERROR pin must be connected to ground if this function is not used. It must also be noted that when the
shutdown pin is pulled low, the ERROR pin is forced to be invalid for reasons of saving power in shutdown
mode.
Figure 10. ERROR Flag Operation
10
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3871 LP3874



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com