Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3871 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3871
Description  LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3871 Datasheet(HTML) 3 Page - Texas Instruments

  LP3871 Datasheet HTML 1Page - Texas Instruments LP3871 Datasheet HTML 2Page - Texas Instruments LP3871 Datasheet HTML 3Page - Texas Instruments LP3871 Datasheet HTML 4Page - Texas Instruments LP3871 Datasheet HTML 5Page - Texas Instruments LP3871 Datasheet HTML 6Page - Texas Instruments LP3871 Datasheet HTML 7Page - Texas Instruments LP3871 Datasheet HTML 8Page - Texas Instruments LP3871 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
2
3
4
5
IN
OUT
GND
ERROR
/SENSE
SD
LP3871, LP3874
www.ti.com
SNVS225H – FEBRUARY 2003 – REVISED JUNE 2015
5 Pin Configuration and Functions
KTT Package
5-Pin DDPAK/TO-263
Top View
NC Package
5-Pin SOT-223
Top View
Pin Functions
PIN
LP3871
LP3874
TYPE
DESCRIPTION
NAME
SOT-223
DDPAK/TO-263
SOT-223
DDPAK/TO-263
ERROR
4
5
—
—
O
ERROR Flag
GND
5
3
5
3
GND
Ground
IN
2
2
2
2
I
Input voltage
OUT
3
4
3
4
O
Output voltage
SD
1
1
1
1
I
Shutdown
SENSE
—
—
4
5
I
Remote voltage sense
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3871 LP3874



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com