Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5526
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5526 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP5526 Datasheet HTML 4Page - National Semiconductor (TI) LP5526 Datasheet HTML 5Page - National Semiconductor (TI) LP5526 Datasheet HTML 6Page - National Semiconductor (TI) LP5526 Datasheet HTML 7Page - National Semiconductor (TI) LP5526 Datasheet HTML 8Page - National Semiconductor (TI) LP5526 Datasheet HTML 9Page - National Semiconductor (TI) LP5526 Datasheet HTML 10Page - National Semiconductor (TI) LP5526 Datasheet HTML 11Page - National Semiconductor (TI) LP5526 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Power-Up Sequence
When powering up the device, V
DD1 and VDD2 should be
greater than V
DDIO to prevent any damage to the device.
20179776
Magnetic Boost DC/DC Converter
The LP5526 Boost DC/DC Converter generates an 8…20V
supply voltage for the LEDs from single Li-Ion battery
(3V…4.5V). The output voltage is controlled with an 8-bit
register in 12 steps. The converter is a magnetic switching
PWM mode DC/DC converter with a current limit. Switching
frequency is 1MHz, when timing resistor RT is 82k
Ω. Timing
resistor defines the internal oscillator frequency and thus
directly affects boost frequency and RGB timings.
EMI filter (R
SW and CSW) on the SW pin can be used to
suppress EMI caused by fast switching. These components
should be as near as possible to the SW pin to ensure
reliable operation. The LP5526 Boost Converter uses pulse-
skipping elimination to stabilize the noise spectrum. Even
with light load or no load a minimum length current pulse is
fed to the inductor. An active load is used to remove the
excess charge from the output capacitor at very light loads.
Active load can be disabled by writing the EN_AUTOLOAD
bit low. Disabling active load will increase slightly the effi-
ciency at light loads, but the downside is that pulse skipping
will occur. The Boost Converter should be stopped and set to
8V when there is no load to minimize the current consump-
tion.
The topology of the magnetic boost converter is called CPM
control, current programmed mode, where the inductor cur-
rent is measured and controlled with the feedback. The user
can program the output voltage of the boost converter. The
output voltage control changes the resistor divider in the
feedback loop. The following figure shows the boost topol-
ogy with the protection circuitry. Four different protection
schemes are implemented:
1.
Over voltage protection, limits the maximum output volt-
age
— Keeps the output below breakdown voltage.
— Prevents boost operation if battery voltage is much
higher than desired output.
2.
Over current protection, limits the maximum inductor
current
— Voltage over switching NMOS is monitored; too high
voltages turn the switch off.
3.
Feedback break protection. Prevents uncontrolled op-
eration if FB pin gets disconnected.
4.
Duty cycle limiting, done with digital control.
20179777
Boost Converter Topology
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com