Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5526
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5526 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LP5526 Datasheet HTML 10Page - National Semiconductor (TI) LP5526 Datasheet HTML 11Page - National Semiconductor (TI) LP5526 Datasheet HTML 12Page - National Semiconductor (TI) LP5526 Datasheet HTML 13Page - National Semiconductor (TI) LP5526 Datasheet HTML 14Page - National Semiconductor (TI) LP5526 Datasheet HTML 15Page - National Semiconductor (TI) LP5526 Datasheet HTML 16Page - National Semiconductor (TI) LP5526 Datasheet HTML 17Page - National Semiconductor (TI) LP5526 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Functionality of Color LED
Outputs (RLED, GLED, BLED)
(Continued)
Switch Mode / Constant Current Mode
Each RGB LED output can be set to act as a switch or a
constant current sink. Selection of mode is done with the
CC_SW bit in the Control Register. If bit is set high, then the
switch mode is selected. Default is switch mode.
SWITCH MODE
In switch mode, the RGB LED outputs are low ohmic
switches to ground. Resistance is typically 3.2
Ω. External
ballast resistors must be used to limit the current
through the LED.
CONSTANT CURRENT MODE
In constant current mode, the maximum output current is
defined with a single external resistor (R
RGB) and the maxi-
mum current control register (address 02H).
RGB MAX CURRENT REGISTER (02H)
Name
Bit
Description
IR[1:0]
5:4
RLED maximum current
IG[1:0]
3:2
GLED maximum current
IB[1:0]
1:0
BLED maximum current
Maximum current for each LED output is adjusted with the
RGB max current register in following way:
IR[1:0], IG[1:0], IB[1:0]
Maximum current / output
00
0.25 x I
MAX
01
0.50 x I
MAX
10
0.75 x I
MAX
11
1.00 x I
MAX
External ballast resistors are not needed in this mode. The
maximum current for all RGB LED drivers is set with R
RGB.
The equation for calculating the maximum current is:
I
MAX = 100 x 1.23V / (RRGB +50
Ω)
where
I
MAX = maximum RGB current in any RGB output (during
constant current mode)
1.23V = reference voltage
100 = internal current mirror multiplier
R
RGB = resistor value in Ohms
50
Ω = Internal resistor in the I
RGB input
Table with example resistance values and corresponding
output currents:
RGB resistor R
RGB (k
Ω)
Maximum current / output
I
MAX (mA)
2.4
50.2
2.7
44.7
3.0
40.3
3.3
36.7
3.6
33.7
3.9
31.1
4.3
28.3
4.7
25.9
5.1
23.9
5.6
21.8
6.2
19.7
Note that the LED output requires a minimum saturation
voltage in order to act as a true constant current sink. The
saturation voltage minimum is typically 230mV defined with
10% current drop. If the LED output voltage drops below
230mV, then the current will decrease significantly.
3. EXTERNAL PWM CONTROL
The GPIO[0]/PWM pin can be used to control the RGB
output brightness or set RGB leds on/off. PWM function for
the pin is selected by writing EN_PWM_PIN high in GPIO
control register (address 06H). Note, that EN_RGB bit must
be set high. Each LED output can be enabled with RSW,
GSW and BSW bits. EN_EXT_R_PWM, EN_EXT_G_PWM
and EN_EXT_B_PWM bits are used to select, which LED
outputs are controlled with the external PWM input. Note that
polarity of external PWM control is active high i.e. when pin
is in high state, then LED output is enabled. If RGB_PWM is
set low, then each selected LED output is controlled directly
with external PWM input. If RGB_PWM is set high, then
internal PWM control is modulated by the external PWM
input. In latter case, internal PWM control is passed to LED
when external PWM input is high.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com