Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR081 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPR081
Description  Touch Pad Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR081 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPR081 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MPR081
Sensors
Freescale Semiconductor
3
Table 5. I2C AC Characteristics
(Typical Operating Circuit, V+ = 1.8 V to 3.6 V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = 3.3 V, TA = +25°C.)
Characteristic
Symbol
Min
Typ
Max
Units
Serial Clock Frequency
fSCL
——
400
kHz
Bus Timeout
FTIMEOUT
—
31.25
—
ms
Bus Free Time Between a STOP and a START
Condition
tBUF
1.3
—
—
µs
Hold Time, (Repeated) START Condition
tHD, STA
0.6
—
—
µs
Repeated START Condition Setup Time
tSU, STA
0.6
—
—
µs
STOP Condition Setup Time
tSU, STO
0.6
—
—
µs
Data Hold Time
tHD, DAT
——
0.9
µs
Data Setup Time
tSU, DAT
100
—
—
ns
SCL Clock Low Period
tLOW
1.3
—
—
µs
SCL Clock High Period
tHIGH
0.7
—
—
µs
Rise Time of Both SDA and SCL Signals,
Receiving
tR
—
20+0.1Cb
300
ns
Fall Time of Both SDA and SCL Signals,
Receiving
tF
—
20+0.1Cb
300
ns
Fall Time of SDA Transmitting
tF.TX
—
20+0.1Cb
250
ns
Pulse Width of Spike Suppressed
tSP
—50—
ns
Capacitive Load for Each Bus Line
Cb
——
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com