Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR081 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPR081
Description  Touch Pad Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR081 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPR081 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR081 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
MPR081
Sensors
Freescale Semiconductor
15
Table 19. Configuration Register Format
Register
R/W
Register
Address
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Read Configuration Register
1
0x09
Interrupt Rate
RESET N/A WAKE IRQEN
RUN
Write Configuration Register
0
MPR081 is in shutdown, and will not scan the rotary.
Note that FIFO contents are not cleared when entering shutdown
and can be read any time during shutdown.
X
X
X
X
1
X
X
X
0
MPR081 is operating, scanning the rotary, with IRQ interrupt
output disabled. Poll the FIFO register 0x00 and/or the Current
Rotary register 0x02 to determine current rotary status.
Note that FIFO contents are cleared before exiting shutdown
X
X
X
1
X
X
0
1
MPR081 is operating, scanning the rotary, with IRQ interrupt
output enabled. IRQ behavior is controlled by Interrupt Rate bits
D5-D7, and is asserted on the first entry into the FIFO from
empty.
Note that FIFO contents are cleared before exiting shutdown
X
X
X
1
X
X
1
1
MPR081 will go into low power sleep mode after an idle period
timeout. While in low power sleep mode, device cannot be
addressed via I2C except by asserting the wake pin.
X
X
X
1
X
0
1
X
MPR081 will remain awake and can be addressed at anytime via
I2C.
X
X
X
1
X
1
1
X
System reset asserted. MPR081 can be addressed via I2C at
anytime.
X
X
X
0
X
X
1
1
System reset de-asserted. MPR081 can be addressed via I2C at
anytime.
X
X
X
1
X
X
1
1
IRQ interrupt is immediate when FIFO changes from empty
0
0
0
1
X
X
1
1
IRQ interrupt asserts no sooner than 4 master tick periods after
the last IRQ rise
0
0
1
1
X
X
1
1
IRQ interrupt asserts no sooner than 12 master tick periods after
the last IRQ rise
0
1
0
1
X
X
1
1
IRQ interrupt asserts no sooner than 20 master tick periods after
the last IRQ rise
0
1
1
1
X
X
1
1
IRQ interrupt asserts no sooner than 28 master tick periods after
the last IRQ rise
1
0
0
1
X
X
1
1
IRQ interrupt asserts no sooner than 36 master tick periods after
the last IRQ rise
1
0
1
1
X
X
1
1
IRQ interrupt asserts no sooner than 44 master tick periods after
the last IRQ rise
1
1
0
1
X
X
1
1
IRQ interrupt asserts no sooner than 52 master tick periods after
the last IRQ rise
1
1
1
1
X
X
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com