Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD4-3-A Datasheet(PDF) 1 Page - CUI Devices

Part # MSD4-3-A
Description  MICRO SD 4.0 CARD CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

MSD4-3-A Datasheet(HTML) 1 Page - CUI Devices

  MSD4-3-A Datasheet HTML 1Page - CUI Devices MSD4-3-A Datasheet HTML 2Page - CUI Devices MSD4-3-A Datasheet HTML 3Page - CUI Devices MSD4-3-A Datasheet HTML 4Page - CUI Devices MSD4-3-A Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 10/26/2023
page 1 of 5
MODEL: MSD4-3-A | DESCRIPTION: MICRO SD 4.0 CARD CONNECTOR
cuidevices.com
FEATURES
• Micro SD 4.0 card connector
• push in, auto eject out
• card detect switch
• gold flash
• surface mount
• UL94V-0
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
30
V
rated current
0.5
A
contact resistance1
100
mΩ
insulation resistance
at 500 Vdc, between adjacent circuits
1,000
MΩ
voltage withstand
for 1 minute, between adjacent circuits
100
Vac
insertion force
at a rate of 25 mm/min
10
N
withdrawal force
at a rate of 25 mm/min
0.5
N
life
5,000
cycles
operating temperature
-40
85
°C
flammability rating
UL94V-0
RoHS
yes
Note:
1. When measured at 20 mV / 100 mA.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
reel storage
at relative humidity 40~70%
reel opened: use within 1 month
reel unopened: up to 15 month shelf life
16
22
28
°C
reflow soldering
see reflow profile
250
°C
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - MSD4-3-A

ManufacturerPart #DatasheetDescription
logo
CUI Devices
MSD4-1-A CUID-MSD4-1-A Datasheet
563Kb / 5P
MICRO SD 4.0 CARD CONNECTOR
10/26/2023
MSD4-2-A CUID-MSD4-2-A Datasheet
618Kb / 5P
MICRO SD 4.0 CARD CONNECTOR
10/26/2023
More results

Similar Description - MSD4-3-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFSD1024NGBW1MT-T-ME ETC2-SFSD1024NGBW1MT-T-ME Datasheet
1Mb / 23P
Industrial MICRO SD Memory Card
S-12097 ETC-S-12097 Datasheet
859Kb / 18P
Micro-SD 3.0 Memory Card
logo
Kyocera Kinseki Corpota...
5138 KSS-5138 Datasheet
413Kb / 2P
micro SD Card Connector
logo
IOGEAR
GFR304SD IOGEAR-GFR304SD Datasheet
147Kb / 3P
SuperSpeed USB 3.0 SD/Micro SD Card Reader / Writer
logo
VITALCONN ELECTRONICS H...
VTC102031522 VITALCONN-VTC102031522 Datasheet
461Kb / 3P
Micro SD 4.0 CARD LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC102032632 VITALCONN-VTC102032632 Datasheet
801Kb / 3P
Micro SD 4.0 CARD LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC102032712 VITALCONN-VTC102032712 Datasheet
721Kb / 3P
Micro SD 4.0 CARD LCP vinyl terminal C5191 shell stainless steel
REV: A
logo
Wurth Elektronik GmbH &...
693071010811 WURTH-693071010811 Datasheet
507Kb / 8P
WR-CRD Micro SD Card Connector
001.002
693071020811 WURTH-693071020811 Datasheet
697Kb / 8P
WR-CRD Micro SD Card Connector
002.000
693071030811 WURTH-693071030811 Datasheet
583Kb / 8P
WR-CRD Micro SD Card Connector
001.005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com