Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD4-3-A Datasheet(PDF) 3 Page - CUI Devices

Part # MSD4-3-A
Description  MICRO SD 4.0 CARD CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

MSD4-3-A Datasheet(HTML) 3 Page - CUI Devices

  MSD4-3-A Datasheet HTML 1Page - CUI Devices MSD4-3-A Datasheet HTML 2Page - CUI Devices MSD4-3-A Datasheet HTML 3Page - CUI Devices MSD4-3-A Datasheet HTML 4Page - CUI Devices MSD4-3-A Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CUI DEVICES | MODEL: MSD4-3-A | DESCRIPTION: MICRO SD 4.0 CARD CONNECTOR
date 10/26/2023 | page 3 of 5
cuidevices.com
MECHANICAL DRAWING (CONTINUED)
units: mm
PCB tolerance: ±0.05 mm
Recommended PCB Layout
Top View
CARD STATUS
WITHOUT CARD
HALF INSERTION
CARD INSERTED
PIN CONNECTIONS
CONNECTOR
PIN#
MSD CARD
PIN#
SIGNAL
NAME
TYPE
DESCRIPTION
P1
1
DAT2
I/O
DATA LINE (BIT 2)
P2
2
CD/DAT3
I/O
CARD DETECT/DATA LINE (BIT 3)
P3
3
CMD
I/O
COMMAND/RESPONSE
P4
4
VDD1
S
SUPPLY VOLTAGE (3.3 V)
P5
5
CLK
I
CLOCK
P6
6
VSS
S
SUPPLY VOLTAGE GROUND
P7
7
DAT0/RCLK+
I/O
DATA LINE (BIT 0)/RCLK+
P8
8
DAT1/RCLK+
I/O
DATA LINE (BIT 1)/RCLK-
P9
CD
CD
-
CARD DETECT SWITCH
P10~P14
GND
-
-
COVER GROUND
P15
9
VDD2
S
SUPPLY VOLTAGE (1.8 V)
P16
17
SWIO
I
SINGLE WIRE PROTOCOL INTERFACE
P17
10
VSS
S
SUPPLY VOLTAGE GROUND
P18
11
D0+
I/O
UHS-II D0+
P19
12
D0-
I/O
UHS-II D0-
P20
13
VSS
S
SUPPLY VOLTAGE GROUND
P21
14
D1-
I/O
UHS-II D1-
P22
15
D1+
I/O
UHS-II D1+
P23
16
VSS
S
SUPPLY VOLTAGE GROUND
P6
P9
P6
P9
P6
P9
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com