Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD-40 Datasheet(PDF) 1 Page - CUI Devices

Part # SD-40
Description  STANDARD DIN CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SD-40 Datasheet(HTML) 1 Page - CUI Devices

  SD-40 Datasheet HTML 1Page - CUI Devices SD-40 Datasheet HTML 2Page - CUI Devices SD-40 Datasheet HTML 3Page - CUI Devices SD-40 Datasheet HTML 4Page - CUI Devices SD-40 Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 04/19/2023
page 1 of 5
SERIES: SD | DESCRIPTION: STANDARD DIN CONNECTOR
cuidevices.com
FEATURES
• strain relief
• 3~13 pins
• 100 Vac rated
SD - XX
Base Number
PART NUMBER KEY
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
100
12
Vac
Vdc
rated input current
at 100 Vac
at 12 Vdc
1
2
A
A
contact resistance
30
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
1,000
Vac
insertion force
4
kg
withdrawal force
1
3.5
kg
operating temperature
5
70
°C
life
5,000
cycles
RoHS
yes
Pin Options
30* = 3 pins
40 = 4 pins
50 = 5 pins, 180 degrees
60 = 6 pins
70* = 7 pins
80 = 8 pins, 270 degrees
81* = 8 pins, 262 degrees
130* = 13 pins
Note: *. Discontinued SD-30, SD-70- SD-81, & SD-130 models.
Additional Resources: Product Page | 3D Model


Similar Part No. - SD-40

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-40 CUI-SD-40 Datasheet
316Kb / 5P
SERIES: SD DESCRIPTION: STANDARD DIN CONNECTOR
SD-40 CUI-SD-40 Datasheet
316Kb / 5P
STANDARD DIN CONNECTOR
SD-40 CUI-SD-40 Datasheet
322Kb / 5P
STANDARD DIN CONNECTOR
logo
KODENSHI_AUK CORP.
SD-402 KODENSHI-SD-402 Datasheet
195Kb / 2P
Position Sensitive Diodes
logo
Molex Electronics Ltd.
SD-4030-0001 MOLEX-SD-4030-0001 Datasheet
172Kb / 2P
KK 100 HEADER ASSEMBLY
2011/09/30
More results

Similar Description - SD-40

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
STANDARD DIN CONNECTOR
SD CUI-SD Datasheet
322Kb / 5P
STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
STANDARD DIN CONNECTOR
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
STANDARD DIN CONNECTOR
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
STANDARD DIN CONNECTOR
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
STANDARD DIN CONNECTOR
08/05/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com