Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD-40 Datasheet(PDF) 3 Page - CUI Devices

Part # SD-40
Description  STANDARD DIN CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SD-40 Datasheet(HTML) 3 Page - CUI Devices

  SD-40 Datasheet HTML 1Page - CUI Devices SD-40 Datasheet HTML 2Page - CUI Devices SD-40 Datasheet HTML 3Page - CUI Devices SD-40 Datasheet HTML 4Page - CUI Devices SD-40 Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CUI DEVICES | SERIES: SD | DESCRIPTION: STANDARD DIN CONNECTOR
date 04/19/2023 | page 3 of 5
cuidevices.com
45°
0.90.035
2.00 0.079
41°
6.50.256
0.3
0.059
(8 PLCS)
1.5
16.0
0.3
0.630
13.20.520
8.30.327
59.02.323
1.0
8.8 0.35
50.11.97
9.20.36
15.9 0.63
13.2 0.52
2.5
0.10
4.5
2.5 0.10
0.30
7.5
0.10
2.5
0.18
0.780.03
0.02
(13 PLCS)
units: mm[inches]
tolerance: ±0.1 mm
SD-81
SD-130
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com