Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDF-130J Datasheet(PDF) 1 Page - CUI Devices

Part # SDF-130J
Description  STANDARD DIN CONNECTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SDF-130J Datasheet(HTML) 1 Page - CUI Devices

  SDF-130J Datasheet HTML 1Page - CUI Devices SDF-130J Datasheet HTML 2Page - CUI Devices SDF-130J Datasheet HTML 3Page - CUI Devices SDF-130J Datasheet HTML 4Page - CUI Devices SDF-130J Datasheet HTML 5Page - CUI Devices SDF-130J Datasheet HTML 6Page - CUI Devices SDF-130J Datasheet HTML 7Page - CUI Devices SDF-130J Datasheet HTML 8Page - CUI Devices SDF-130J Datasheet HTML 9Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
date 08/05/2022
page 1 of 9
SERIES: SDF-J | DESCRIPTION: STANDARD DIN CONNECTOR
cuidevices.com
FEATURES
• PCB mount
• front shielded
• right angle
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
100
24
Vac
Vdc
rated input current
at 100 Vac
at 24 Vdc
2
1
A
A
contact resistance
20
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion force
6.5
kg
withdrawal force
1
5.0
kg
operating temperature
-40
85
°C
life
1,000
cycles
flammability rating
UL94V-0
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
for 10 seconds max
260
°C
hand soldering
for 5±1 seconds
240
245
250
°C
SDF - XX J
Base Number
PART NUMBER KEY
Pin Options
30 = 3 pins*
40 = 4 pins
50 = 5 pins, 180 degrees
60 = 6 pins
70 = 7 pins*
80 = 8 pins
130 = 13 pins
* Discontinued models SDF-30J & SDF-70J.
Additional Resources: Product Page | PCB Footprint


Similar Part No. - SDF-130J

ManufacturerPart #DatasheetDescription
logo
CUI INC
SDF-130J CUI-SDF-130J Datasheet
352Kb / 6P
STANDARD DIN CONNECTOR
SDF-130J CUI-SDF-130J Datasheet
415Kb / 6P
STANDARD DIN CONNECTOR
More results

Similar Description - SDF-130J

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
STANDARD DIN CONNECTOR
SD CUI-SD Datasheet
322Kb / 5P
STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
STANDARD DIN CONNECTOR
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
STANDARD DIN CONNECTOR
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
STANDARD DIN CONNECTOR
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
STANDARD DIN CONNECTOR
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com