Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDF-130J Datasheet(PDF) 2 Page - CUI Devices

Part # SDF-130J
Description  STANDARD DIN CONNECTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

SDF-130J Datasheet(HTML) 2 Page - CUI Devices

  SDF-130J Datasheet HTML 1Page - CUI Devices SDF-130J Datasheet HTML 2Page - CUI Devices SDF-130J Datasheet HTML 3Page - CUI Devices SDF-130J Datasheet HTML 4Page - CUI Devices SDF-130J Datasheet HTML 5Page - CUI Devices SDF-130J Datasheet HTML 6Page - CUI Devices SDF-130J Datasheet HTML 7Page - CUI Devices SDF-130J Datasheet HTML 8Page - CUI Devices SDF-130J Datasheet HTML 9Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CUI DEVICES | SERIES: SDF-J | DESCRIPTION: STANDARD DIN CONNECTOR
date 08/05/2022 | page 2 of 9
cuidevices.com
MECHANICAL DRAWING (SDF-30J)
5.00.197
(2 PLCS)
10.0 0.394
(3 PLCS)
15.0 0.591
2.40.094
(2 PLCS)
1.30.051
(5 PLCS)
5.00.197
10.0 0.394
5.00.197
15.0 0.591
7.0 0.276
10.0 0.394
3.5 0.138
(TYP)
14.8 0.583
2.7 0.106
5.0 0.197
3
2
Mounting Hole
(2 PLCS)
1
3
1
2
20.70.815
21.4 0.843
(2 PLCS)
0.106
(2 PLCS)
0.039
2.7
1.0
14.7 0.579
1.60.063
(2 PLCS)
1.0
0.724
0.087
2.2
18.4
(3 PCLS)
0.039
0.256
6.5
0.073
(2 PLCS)
1.85
6.0 0.236
units: mm
tolerance: ±0.3 mm
Recommended PCB Layout
Top View
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
1
body
PBT (UL94V-0)
black
2
shielded terminal
brass
nickel
3
plate
bakelite
4
terminals
brass
tin
Additional Resources: Product Page | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com