Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS22 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFS22
Description  1GBT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS22 Datasheet(HTML) 2 Page - Hongfa Technology

  HFS22 Datasheet HTML 1Page - Hongfa Technology HFS22 Datasheet HTML 2Page - Hongfa Technology HFS22 Datasheet HTML 3Page - Hongfa Technology HFS22 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
7:
FDQ44 1
NK
97
B
342
;PJC
79./9361 360795+;376
.* BmYd ,`Yd^ Zja\_]-
/4/-;93-+4 -2+9+-;/93:;3-:
5IBNFC
31,; =ACL OIFM?DC
7NMJNM K?MEHD ANKKCHM
<HEM HNG@CK
;2/95+4 9/:3:;+6-/
5/-2+63-+4 -2+9+-;/93:;3-:
85* GE@Reg\md]
~}* 97?
{|z* 3422T
GACQ
GECQ
TEC,l`-
TAC,kYl-
AGCQ
lgf
lj
lg^^
l^
TCA
ljj
Agdd][lgj/[mlg^^ [mjj]fl
EYl] d]YcY_] [mjj]fl
EYl]/]eall]j l`j]k`gd\ ngdlY_]
Agdd][lgj/]eall]j kYlmjYlagf ngdlY_]
Gfhml [YhY[alYf[]
Rmjf/gf \]dYq lae]
Pak] lae]
Rmjf/g^^ \]dYq lae]
DYdd lae]
Ceall]j/[gdd][lgj ngdlY_]
Bag\] j]n]jk] j][gn]jq lae]
TEC>2T. TAC>TACQ
TEC>TECQ.TAC>2T
G[>907e?. TAC>32T
G[>97?. TEC>37T
TEC>2T. TAC>32T. ^>3KFr
T[[>822T. G[>97?
TEC3>TEC4>37T.
PE>44
G[> /97?. TEC>2T
G[> /97?. \a1\l> /372?1
uk
e?
u?
T
T
fD
fk
T
fk
,
Rb>47 . mfd]kk gl`]joak] kh][a^a]\-
607
405
707
372
322
722
322
602
207
807
37
40:
472
Pl`,b/[-
Pl`,b/[-
Pl`,[/l-
GE@R
DUBa
AYk] lg `]Yl kafc. l`]jeYd
_j]Yk] Yhhdg]\
2057
2087
202:
1U
1U
Kgmflaf_ lgjim]
K7
3069
309
422
30;8
Lve
_
TT
TT
TT
TT
TT
TT
TT
TT
TT
TT
TT
QqeZgd
Gl]e
Agf\alagf
Sfal
Kaf0
Rqh0
KYp0
QqeZgd
Gl]e
Agf\alagf
Sfal
Kaf0
Rqh0
KYp0
QqeZgd
Gl]e
Agf\alagf
Sfal
Kaf0
Rqh0
KYp0
,
Rb>47 . mfd]kk gl`]joak] kh][a^a]\-
U]a_`l
R`]jeYd j]kaklYf[] ^jge
bmf[lagf lg Zgllge ZgYj\
AgflY[l l`]jeYd j]kaklYf[]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com