Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS22 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFS22
Description  1GBT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS22 Datasheet(HTML) 1 Page - Hongfa Technology

  HFS22 Datasheet HTML 1Page - Hongfa Technology HFS22 Datasheet HTML 2Page - Hongfa Technology HFS22 Datasheet HTML 3Page - Hongfa Technology HFS22 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
79
0C?MNKCL
?A eglgj [gfljgd. SNQ. U]d\af_ hgo]j kmhhda]k
;PJEA?F +JJFEA?MEIHL
FDQ44 GE@Reg\md]k Yj] \]ka_f]\ mk] af koal[`af_ Yhhda[Ylagfk0 CY[` eg\md] [gfkaklk g^ log GE@Rk af Y `Yd^ Zja\_] [gf^a_mjYlagf0
?dd [gehgf]flk Yf\ afl]j[gff][lk Yj] akgdml]\ ^jge l`] `]Yl kafcaf_ ZYk]hdYl]0
30 Gf gj\]j lg _]l ]^^][lan] `]Yl \akkahYlagf. `]Yl kafc ^dYlf]kk k`gmd\ Z] Z]lo]]f /72
ue Yf\ 322ue0 Gl+k l`] kYe] aehgjlYlagf lg
Yhhdq l`]jeYddq/[gf\m[lan] _j]Yk] oal` 322 lg 422ue gn]j l`] [gflY[l kmj^Y[] Z]lo]]f Y eg\md] Yf\ Y `]Yl kafc0
40 I]]h l`] eg\md] ^jge Z]af_ \YeY_]\ Zq l`] klYla[ ]d][lja[alq0
20:||
5+>35<5 9+;361:
./:-938;376
89/-+<;376:
V Jgo \jan] hgo]j
V Jgo TAC,kYl-
V Gkgdml]\ ZYk]hdYl] ^gj ]Ykq `]Yl kafcaf_
V PgFQ [gehdaYfl
FMLED? PCJ?W
GQM;223SGQM1RQ38;6; SGQM36223 SMFQ?Q3:223 ACPRGDGCB
4229 P]n0 3022
TACQ
TECQ
GA
GAN
NA
Takg
Rb
Rkl_
Agdd][lgj/]eall]j ngdlY_]
EYl]/]eall]j ngdlY_]
Agdd][lgj [mjj]fl
N]Yc [gdd][lgj [mjj]fl
KYp0 [gdd][lgj \akkahYlagf
GkgdYlagf ngdlY_]
Hmf[lagf l]eh]jYlmj]
QlgjY_] l]eh]jYlmj]
E. C k`gjl
A. C k`gjl
RA>47
RA>47
RA>47 WRb=372
3422
t42
97
372
672
4722
/62 lg 372
/62 lg 347
T
T
?
?
U
T
31,; 57.<4/
,
Rb>47 . mfd]kk gl`]joak] kh][a^a]\-
QqeZgd
Gl]e
Agf\alagf
PYlaf_
Sfal
KYaf l]jeafYd lg ZYk]hdYl] ?A 3eaf


Similar Part No. - HFS22

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFS2 ETC2-HFS2 Datasheet
56Kb / 3P
MOS RELAY
HFS2/A210DN ETC2-HFS2/A210DN Datasheet
56Kb / 3P
MOS RELAY
HFS2/A210SN ETC2-HFS2/A210SN Datasheet
56Kb / 3P
MOS RELAY
HFS2/A211DN ETC2-HFS2/A211DN Datasheet
56Kb / 3P
MOS RELAY
HFS2/A211SN ETC2-HFS2/A211SN Datasheet
56Kb / 3P
MOS RELAY
More results

Similar Description - HFS22

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
1MBI600S-120 FUJI-1MBI600S-120 Datasheet
1Mb / 8P
1GBT MODULE
logo
Toshiba Semiconductor
MG300J2YS40 TOSHIBA-MG300J2YS40 Datasheet
184Kb / 2P
SILICON N CHANNEL 1GBT
logo
International Rectifier
IRG4PC20UPBF IRF-IRG4PC20UPBF Datasheet
693Kb / 8P
UltraFast Speed 1GBT (VCES=600V , VCE(on)typ.=1.85V , @VGE=15V , Ic=6.5A )
logo
Toshiba Semiconductor
MG300J2YS50 TOSHIBA-MG300J2YS50 Datasheet
308Kb / 5P
TOSHIBA GTR MODULE SILICON N CHANNEL 1GBT
logo
International Rectifier
IRG4BC30FDPBF IRF-IRG4BC30FDPBF Datasheet
3Mb / 11P
Fast CoPack 1GBT ( VCES = 600V , VCE(on)typ. = 1.59V , VGE = 15V , IC = 17A )
IRG4BC30KDPBF IRF-IRG4BC30KDPBF Datasheet
321Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Short Circuit Rated UltraFast 1GBT
IRG4PC30FDPBF IRF-IRG4PC30FDPBF Datasheet
384Kb / 11P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Fast CoPack 1GBT
IRGS4055PBF IRF-IRGS4055PBF Datasheet
704Kb / 10P
PDP TRENCH 1GBT
logo
eupec GmbH
FB15R06KL4B1 EUPEC-FB15R06KL4B1 Datasheet
286Kb / 13P
1GBT-Module
logo
List of Unclassifed Man...
AIRBON-F400 ETC-AIRBON-F400 Datasheet
382Kb / 17P
Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com