Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL024NQ Datasheet(PDF) 2 Page - International Rectifier

Part # IRLL024NQ
Description  HEXFET짰 Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL024NQ Datasheet(HTML) 2 Page - International Rectifier

  IRLL024NQ Datasheet HTML 1Page - International Rectifier IRLL024NQ Datasheet HTML 2Page - International Rectifier IRLL024NQ Datasheet HTML 3Page - International Rectifier IRLL024NQ Datasheet HTML 4Page - International Rectifier IRLL024NQ Datasheet HTML 5Page - International Rectifier IRLL024NQ Datasheet HTML 6Page - International Rectifier IRLL024NQ Datasheet HTML 7Page - International Rectifier IRLL024NQ Datasheet HTML 8Page - International Rectifier IRLL024NQ Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLL024NQ
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
Q
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.0
V
TJ = 25°C, IS = 1.9A, VGS = 0V
R
trr
Reverse Recovery Time
–––
40
60
ns
TJ = 25°C, IF = 1.9A
Qrr
Reverse Recovery Charge
–––
65
97
nC
di/dt = 100A/µs
R
Source-Drain Ratings and Characteristics
A
12
–––
–––
–––
3.1
–––
Q Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
R Pulse width ≤ 400µs; duty cycle ≤ 2%.
S Surface mounted on 1 in square Cu board
T Starting T
J = 25°C, L = 18mH
RG = 25Ω, IAS = 3.1A. (See Figure 12).
U I
SD ≤ 1.9A, di/dt ≤ 197A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
VLimited by TJmax , see Fig.16c, 16d, 19, 20 for typical repetitive
avalanche performance.
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.057 –––
V/°C
Reference to 25°C, ID = 1mA
–––
––– 0.065
VGS = 10V, ID = 3.1A
R
–––
––– 0.080
VGS = 5.0V, ID = 2.5A
R
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
4.5
–––
–––
SVDS = 25V, ID = 1.9A
–––
–––
25
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -16V
Qg
Total Gate Charge
–––
11
17
ID = 1.9A
Qgs
Gate-to-Source Charge
–––
1.9
–––
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
4.3
–––
VGS = 10V
td(on)
Turn-On Delay Time
–––
12
–––
VDD = 28V
R
tr
Rise Time
–––
41
–––
ID = 1.9A
td(off)
Turn-Off Delay Time
–––
48
–––
RG = 24Ω
tf
Fall Time
–––
39
–––
RD = 15Ω
Ciss
Input Capacitance
–––
508
–––
VGS = 0V
Coss
Output Capacitance
–––
141
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
62
–––
ƒ = 1.0MHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
m
Ω
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
S
D
G



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com