Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL024NQ Datasheet(PDF) 6 Page - International Rectifier

Part # IRLL024NQ
Description  HEXFET짰 Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL024NQ Datasheet(HTML) 6 Page - International Rectifier

Back Button IRLL024NQ Datasheet HTML 2Page - International Rectifier IRLL024NQ Datasheet HTML 3Page - International Rectifier IRLL024NQ Datasheet HTML 4Page - International Rectifier IRLL024NQ Datasheet HTML 5Page - International Rectifier IRLL024NQ Datasheet HTML 6Page - International Rectifier IRLL024NQ Datasheet HTML 7Page - International Rectifier IRLL024NQ Datasheet HTML 8Page - International Rectifier IRLL024NQ Datasheet HTML 9Page - International Rectifier IRLL024NQ Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRLL024NQ
6
www.irf.com
Fig 13. Typical On-Resistance Vs. Drain
Current
Fig 12. Typical On-Resistance Vs. Gate
Voltage
Fig 14. Typical Threshold Voltage Vs.
Junction Temperature
Fig 15. Typical Power Vs. Time
3.0
5.0
7.0
9.0
11.0
13.0
15.0
-VGS, Gate -to -Source Voltage (V)
0.05
0.06
0.07
0.08
0.09
0.10
ID = 3.1A
0
1020
3040
5060
7080
ID , Drain Current (A)
0.050
0.100
0.150
0.200
0.250
0.300
0.350
0.400
VGS = 10V
-75
-50
-25
0
25
50
75
100 125 150 175
TJ , Temperature ( °C )
0.8
1.0
1.2
1.4
1.6
1.8
2.0
ID = 250µA
1.00
10.00
100.00
1000.00
Time (sec)
0
10
20
30
40
50
60



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com