Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23016-I/SS Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP23016-I/SS
Description  16-Bit I2C??I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23016-I/SS Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP23016-I/SS Datasheet HTML 16Page - Microchip Technology MCP23016-I/SS Datasheet HTML 17Page - Microchip Technology MCP23016-I/SS Datasheet HTML 18Page - Microchip Technology MCP23016-I/SS Datasheet HTML 19Page - Microchip Technology MCP23016-I/SS Datasheet HTML 20Page - Microchip Technology MCP23016-I/SS Datasheet HTML 21Page - Microchip Technology MCP23016-I/SS Datasheet HTML 22Page - Microchip Technology MCP23016-I/SS Datasheet HTML 23Page - Microchip Technology MCP23016-I/SS Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
MCP23016
DS20090C-page 20
© 2007 Microchip Technology Inc.
2.1
DC Characteristics
TABLE 2-1:
DC CHARACTERISTICS
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature:
-40°C
≤ TA ≤ +85°C for industrial
Param
No.
Characteristic
Sym
Min
Typ†
Max
Units
Conditions
D001
Supply Voltage
VDD
2.0
—
5.5
V
D002
Standby Current
IDD
—
0.4
mA
IARES = 1
D003
Standby Current
IPD
—
25
µA
IARES = 0
Input Low Voltage
I/O ports
VIL
D004
TTL buffer
Vss
—
0.15 VDD
V
For entire VDD range
D004A
Vss
—
0.8V
4.5V
≤ VDD ≤ 5.5V
D005
Schmitt Trigger buffer
Vss
—
0.2 VDD
V
Input High Voltage
I/O ports
VIH
—
D006
TTL buffer
2.0
—
VDD
V4.5V
≤ VDD ≤ 5.5V
D006A
0.25 VDD
+ 0.8V
—VDD
V
For entire VDD range
D007
Schmitt Trigger buffer
0.8 VDD
—VDD
V
For entire VDD range
Input Leakage Current
D008
I/O ports
IIL
——
±1.0
µA
Vss
≤ VPIN ≤ VDD,
Pin at hi-impedance
D009
CLK
—
—
±5.0
µA
Vss
≤ VPIN ≤ VDD
Output Low Voltage
D010
I/O Ports
VOL
——
0.6
V
IOL = 8.5 mA, VDD = 4.5V
Output High Voltage
D010
I/O Ports
VOH
VDD-0.7
—
—
V
IOH = 3.0 mA, VDD = 4.5V
D011
VDD start voltage to ensure
internal POR signal
VPOR
—Vss
—
V
D012
VDD rise rate to ensure
internal POR signal
SVDD
0.05
-
—
V/ms Note 1
DC Trip Point
VTPOR
1.5
1.7
1.9
V
DC Slow Ramp
D012
VDD rise rate to ensure
internal POR signal with
PWRT enabled
SVDD
0.05
—
—
V/ms Note 1
DC Current Draw
IPOR
—
5.0
—
µA
At 5.0V (1 µ/Volt typical)
Note 1:
These parameters are characterized but not tested.
2:
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
3:
Standby current is measured with all I/O in hi-impedance state and tied to VDD and VSS.
4:
For RC CLK, current through REXT is not included. The current through the resistor can be estimated by
the formula
Ir = VDD/2 REXT (mA) with REXT in kohm.
5:
Negative current is defined as coming out of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com