Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23016-I/SS Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP23016-I/SS
Description  16-Bit I2C??I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23016-I/SS Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP23016-I/SS Datasheet HTML 20Page - Microchip Technology MCP23016-I/SS Datasheet HTML 21Page - Microchip Technology MCP23016-I/SS Datasheet HTML 22Page - Microchip Technology MCP23016-I/SS Datasheet HTML 23Page - Microchip Technology MCP23016-I/SS Datasheet HTML 24Page - Microchip Technology MCP23016-I/SS Datasheet HTML 25Page - Microchip Technology MCP23016-I/SS Datasheet HTML 26Page - Microchip Technology MCP23016-I/SS Datasheet HTML 27Page - Microchip Technology MCP23016-I/SS Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
MCP23016
DS20090C-page 24
© 2007 Microchip Technology Inc.
TABLE 2-5:
I2C BUS DATA REQUIREMENTS
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
100
THIGH
Clock High Time
100 kHz mode
4.0
—
µs
(Note 1)
400 kHz mode
0.6
—
µs
101
TLOW
Clock Low Time
100 kHz mode
4.7
—
µs
(Note 1)
400 kHz mode
1.3
—
µs
102
TR
SDA and SCL Rise
Time
100 kHz mode
—
1000
ns
(Note 1)
400 kHz mode
20 + 0.1 CB
300
ns
CB is specified to be from
10 - 400 pF
103
TF
SDA and SCL Fall
Time
100 kHz mode
—
300
ns
(Note 1)
400 kHz mode
20 + 0.1 CB
300
ns
CB is specified to be from
10 - 400 pF
90
TSU:STA
START Condition
Setup Time
100 kHz mode
4.7
—
µs
Only relevant for repeated
START condition (Note 1)
400 kHz mode
0.6
—
µs
91
THD:STA
START Condition
Hold Time
100 kHz mode
4.0
—
µs
After this period, the first
clock pulse is generated
(Note 1)
400 kHz mode
0.6
—
µs
106
THD:DAT
Data Input Hold
Time
100 kHz mode
0
—
ns
(Note 1)
400 kHz mode
0
0.9
µs
107
TSU:DAT
Data Input Setup
Time
100 kHz mode
250
—
ns
(Note 1) (Note 3)
400 kHz mode
100
—
ns
92
TSU:STO
STOP Condition
Setup Time
100 kHz mode
4.7
—
µs
(Note 1)
400 kHz mode
0.6
—
µs
109
TAA
Output Valid from
Clock
100 kHz mode
—
3500
ns
(Note 1) (Note 2)
400 kHz mode
—
—
ns
110
TBUF
Bus Free Time
100 kHz mode
4.7
—
µs
Time the bus must be free
before a new transmis-
sion can start (Note 1)
400 kHz mode
1.3
—
µs
CB
Bus Capacitive Loading
—
400
pF
111
TWAIT
Clock wait time
after ninth pulse
100 kHz mode
12 µs
—
µs
Time the bus must remain
free after the ninth clock
pulse before a new
transmission can start.
400 kHz mode
12 µs
—
µs
Note 1:
These parameters are characterized but not tested.
2:
As a transmitter, the device must provide this internal minimum delay time to bridge the undefined region
(min. 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
3:
A Fast mode (400 kHz) I2C bus device can be used in a Standard mode (100 kHz) I2C bus system, but the
requirement TSU:DAT
≥ 250 ns must then be met. This will automatically be the case if the device does not
stretch the LOW period of the SCL signal. If such a device does stretch the LOW period of the SCL signal,
it must output the next data bit to the SDA line TR max.+TSU:DAT = 1000 + 250 = 1250 ns (according to the
Standard mode I2C bus specification), before the SCL line is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com