Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C65 Datasheet(PDF) 21 Page - Microchip Technology

Part # 24C65
Description  64K 1.8V I2C Smart Serial O EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C65 Datasheet(HTML) 21 Page - Microchip Technology

Back Button 24C65 Datasheet HTML 16Page - Microchip Technology 24C65 Datasheet HTML 17Page - Microchip Technology 24C65 Datasheet HTML 18Page - Microchip Technology 24C65 Datasheet HTML 19Page - Microchip Technology 24C65 Datasheet HTML 20Page - Microchip Technology 24C65 Datasheet HTML 21Page - Microchip Technology 24C65 Datasheet HTML 22Page - Microchip Technology 24C65 Datasheet HTML 23Page - Microchip Technology 24C65 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2003 Microchip Technology Inc.
DS21073J-page 21
24AA65/24LC65/24C65
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
24AA65 - 64K I2C 1.8V Serial EEPROM (100 kHz)
24AA65T - 64K I2C 1.8V Serial EEPROM (100 kHz)
24LC65 - 64K I2C Serial EEPROM (100 kHz/400 kHz)
24LC65T - 64K I2C Serial EEPROM (Tape and Reel)
24C65 - 64K I2C 4.5V Serial EEPROM (400 kHz)
24C65T - 64K I2C 4.5V Serial EEPROM (Tape and Reel)
Temperature Range
Blank
=
0
°C to +70°C
I= -40
°C to +85°C
E= -40
°C to +125°C
Package
P
=
Plastic DIP (300 mil Body)
SM
=
Plastic SOIC (207 mil Body, EIAJ standard)
Examples:
a)
24LC65T-I/SM: 64 Kbit Smart Serial,
Tape and Reel, 207 mil SOIC package,
Industrial temperature, 2.5V
b)
24LC65-I/P:
64
Kbit
Smart
Serial,
Industrial temperature, PDIP package,
2.5V
c)
24AA65T-/SM: 64 Kbit Smart Serial,
Tape and Reel, 207 mil SOIC package,
Commercial temperature, 1.8V
d)
24C65-E/P:
64
Kbit
Smart
Serial,
Automotive temperature, PDIP, 5V
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com