Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C65 Datasheet(PDF) 13 Page - Microchip Technology

Part # 24C65
Description  64K 1.8V I2C Smart Serial O EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C65 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24C65 Datasheet HTML 9Page - Microchip Technology 24C65 Datasheet HTML 10Page - Microchip Technology 24C65 Datasheet HTML 11Page - Microchip Technology 24C65 Datasheet HTML 12Page - Microchip Technology 24C65 Datasheet HTML 13Page - Microchip Technology 24C65 Datasheet HTML 14Page - Microchip Technology 24C65 Datasheet HTML 15Page - Microchip Technology 24C65 Datasheet HTML 16Page - Microchip Technology 24C65 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2003 Microchip Technology Inc.
DS21073J-page 13
24AA65/24LC65/24C65
FIGURE 8-2:
CACHE WRITE TO THE ARRAY STARTING AT A PAGE BOUNDARY
FIGURE 8-3:
CACHE WRITE TO THE ARRAY STARTING AT A NON-PAGE BOUNDARY
1 Write command initiated at byte 0 of page 3 in the array;
First data byte is loaded into the cache byte 0.
2 64 bytes of data are loaded into cache.
3 Write from cache into array initiated by STOP bit.
Page 0 of cache written to page 3 of array.
Write cycle is executed after every page is written.
4 Remaining pages in cache are written
to sequential pages in array.
cache
byte 0
cache
byte 1
• • •
cache
byte 7
cache page 1
bytes 8-15
• • •
page 0
cache page 2
bytes 16-23
cache page 7
bytes 56-63
page 1 page 2
• • •
byte 7
• • •
page 4
• • •
page 7
page 3
cache page 0
Last page in cache written to page 2 in next row.
5
array row n
array row n + 1
page 0 page 1 page 2
byte 0
byte 1
page 4
page 7
1 Write command initiated; 64 bytes of data
loaded into cache starting at byte 2 of page 0.
2 Last 2 bytes loaded 'roll over'
to beginning.
3
Last 2 bytes
loaded into
page 0 of cache.
4 Write from cache into array initiated by STOP bit.
Page 0 of cache written to page 3 of array.
Write cycle is executed after every page is written.
cache
byte 1
cache
byte 2
• • •
cache
byte 7
cache page 1
bytes 8-15
• • •
page 0
cache page 2
bytes 16-23
cache page 7
bytes 56-63
page 1 page 2
• • •
• • •
page 4
• • •
page 7
page 3
Remaining bytes in cache are
written sequentially to array.
5
array
row n
array
row
n + 1
cache
byte 0
Last 3 pages in cache written to next row in array.
6
page 1 page 2
byte 0
byte 2
byte 1
page 4
page 7
byte 7
byte 3
byte 4
page 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com