Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93AA46/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 93AA46/P
Description  1K/2K/4K 1.8V Microwire Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46/P Datasheet(HTML) 1 Page - Microchip Technology

  93AA46/P Datasheet HTML 1Page - Microchip Technology 93AA46/P Datasheet HTML 2Page - Microchip Technology 93AA46/P Datasheet HTML 3Page - Microchip Technology 93AA46/P Datasheet HTML 4Page - Microchip Technology 93AA46/P Datasheet HTML 5Page - Microchip Technology 93AA46/P Datasheet HTML 6Page - Microchip Technology 93AA46/P Datasheet HTML 7Page - Microchip Technology 93AA46/P Datasheet HTML 8Page - Microchip Technology 93AA46/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2004 Microchip Technology Inc.
DS20067J-page 1
93AA46/56/66
Features:
• Single supply with programming operation down
to 1.8V
• Low-power CMOS technology:
-70
µA typical active read current at 1.8V
-2
µA typical standby current at 1.8V
• ORG pin selectable memory configuration:
- 128 x 8- or 64 x 16-bit organization (93AA46)
- 256 x 8- or 128 x 16-bit organization
(93AA56)
- 512 x 8 or 256 x 16-bit organization (93AA66)
• Self-timed erase and write cycles
(including auto-erase)
• Automatic ERAL before WRAL
• Power on/off data protection circuitry
• Industry standard 3-wire serial I/O
• Device status signal during erase/write cycles
• Sequential read function
• 1,000,000 E/W cycles ensured
• Data retention > 200 years
• 8-pin PDIP/SOIC
(SOIC in JEDEC and EIAJ standards)
• Temperature ranges supported:
Description:
The Microchip Technology Inc. 93AA46/56/66 are 1K,
2K and 4K low voltage serial Electrically Erasable
PROMs. The device memory is configured as x8 or x16
bits depending on the ORG pin setup. Advanced
CMOS technology makes these devices ideal for low
power nonvolatile memory applications. The 93AA
Series is available in standard 8-pin PDIP and surface
mount SOIC packages. The rotated pin-out 93AA46X/
56X/66X are offered in the “SN” package only.
Package Types
Block Diagram
- Commercial (C):
0°C to
+70°C
- Industrial (I):
-40°C to
+85°C
1
2
3
4
8
7
6
5
CS
CLK
DI
DO
SS
V
NU
ORG
V
CC
1
2
3
4
8
7
6
5
SS
V
NU
ORG
V
CC
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
ORG
Vss
DO
DI
NU
Vcc
CS
CLK
PDIP
SOIC
SOIC
Memory
Array
Address
Decoder
Address
Counter
Output
Buffer
Data
Register
Mode
Decode
Logic
Clock
Generator
VCC
VSS
DO
DI
ORG
CS
CLK
1K/2K/4K 1.8V Microwire Serial EEPROM
Not recommended for new designs –
Please use 93AA46C, 93AA56C or
93AA66C.


Similar Part No. - 93AA46/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA46 MICROCHIP-93AA46 Datasheet
95Kb / 12P
1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93AA46 MICROCHIP-93AA46 Datasheet
345Kb / 22P
1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46-P MICROCHIP-93AA46-P Datasheet
95Kb / 12P
1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93AA46-SM MICROCHIP-93AA46-SM Datasheet
95Kb / 12P
1K/2K/4K 1.8V Microwire Serial EEPROM
1996
More results

Similar Description - 93AA46/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA46 MICROCHIP-93AA46 Datasheet
95Kb / 12P
1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93LC46 MICROCHIP-93LC46 Datasheet
222Kb / 12P
1K/2K/4K 2.0V Microwire Serial EEPROM
2004
93LC46 MICROCHIP-93LC46_04 Datasheet
328Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93AA46 MICROCHIP-93AA46_13 Datasheet
345Kb / 22P
1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46_13 Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46SN MICROCHIP-93LC46SN Datasheet
321Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com