Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93AA46/P Datasheet(PDF) 11 Page - Microchip Technology

Part # 93AA46/P
Description  1K/2K/4K 1.8V Microwire Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button 93AA46/P Datasheet HTML 7Page - Microchip Technology 93AA46/P Datasheet HTML 8Page - Microchip Technology 93AA46/P Datasheet HTML 9Page - Microchip Technology 93AA46/P Datasheet HTML 10Page - Microchip Technology 93AA46/P Datasheet HTML 11Page - Microchip Technology 93AA46/P Datasheet HTML 12Page - Microchip Technology 93AA46/P Datasheet HTML 13Page - Microchip Technology 93AA46/P Datasheet HTML 14Page - Microchip Technology 93AA46/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
 2004 Microchip Technology Inc.
DS20067J-page 11
93AA46/56/66
3.0
PIN DESCRIPTION
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Chip Select (CS)
A high level selects the device. A low level deselects
the device and forces it into Standby mode. However, a
programming cycle which is already initiated and/or in
progress will be completed, regardless of the CS input
signal. If CS is brought low during a program cycle, the
device will go into Standby mode as soon as the
programming cycle is completed.
CS must be low for 250 ns minimum (TCSL) between
consecutive instructions. If CS is low, the internal
control logic is held in a Reset status.
3.2
Serial Clock (CLK)
The Serial Clock is used to synchronize the communi-
cation between a master device and the 93AAXX.
Opcode, address, and data bits are clocked in on the
positive edge of CLK. Data bits are also clocked out on
the positive edge of CLK.
CLK can be stopped anywhere in the transmission
sequence (at high or low level) and can be continued
anytime with respect to clock high time (TCKH) and
clock low time (TCKL). This gives the controlling master
freedom in preparing opcode, address and data.
CLK is a “don't care” if CS is low (device deselected). If
CS is high, but Start condition has not been detected,
any number of clock cycles can be received by the
device without changing its status (i.e., waiting for Start
condition).
CLK cycles are not required during the self-timed write
(i.e., auto erase/write) cycle.
After detection of a Start condition the specified number
of clock cycles (respectively low-to-high transitions of
CLK) must be provided. These clock cycles are
required to clock in all required opcode, address and
data bits before an instruction is executed (see instruc-
tion set truth table). CLK and DI then become “don't
care” inputs waiting for a new Start condition to be
detected.
3.3
Data In (DI)
Data In is used to clock in a Start bit, opcode, address
and data synchronously with the CLK input.
3.4
Data Out (DO)
Data Out is used in the Read mode to output data
synchronously with the CLK input (TPD after the
positive edge of CLK).
This pin also provides Ready/Busy status information
during erase and write cycles. Ready/Busy status infor-
mation is available on the DO pin if CS is brought high
after being low for minimum chip select low time (TCSL)
and an erase or write operation has been initiated.
The status signal is not available on DO, if CS is held
low or high during the entire write or erase cycle. In all
other cases DO is in the High-Z mode. If status is
checked after the write/erase cycle, a pull-up resistor
on DO is required to read the Ready signal.
3.5
Organization (ORG)
When ORG is connected to VCC, the (x16) memory
organization is selected. When ORG is tied to VSS, the
(x8) memory organization is selected. ORG can only be
floated for clock speeds of 1MHz or less for the (x16)
memory organization. For clock speeds greater than 1
MHz, ORG must be tied to VCC or VSS.
Name
Function
CS
Chip Select
CLK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
VSS
Ground
ORG
Memory Configuration
NU
Not Utilized
VCC
Power Supply
Note:
CS must go low between consecutive
instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com