Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA65-E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA65-E/P
Description  64K 1.8V I2C Smart Serial O EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA65-E/P Datasheet(HTML) 1 Page - Microchip Technology

  24AA65-E/P Datasheet HTML 1Page - Microchip Technology 24AA65-E/P Datasheet HTML 2Page - Microchip Technology 24AA65-E/P Datasheet HTML 3Page - Microchip Technology 24AA65-E/P Datasheet HTML 4Page - Microchip Technology 24AA65-E/P Datasheet HTML 5Page - Microchip Technology 24AA65-E/P Datasheet HTML 6Page - Microchip Technology 24AA65-E/P Datasheet HTML 7Page - Microchip Technology 24AA65-E/P Datasheet HTML 8Page - Microchip Technology 24AA65-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2003 Microchip Technology Inc.
DS21073J-page 1
24AA65/24LC65/24C65
Device Selection Table
Features
• Voltage operating range: 1.8V to 6.0V
- Peak write current 3 mA at 6.0V
- Maximum read current 150
µA at 6.0V
- Standby current 1
µA typical
• Industry standard two-wire bus protocol I2C™
compatible
• 8-byte page, or byte modes available
• 2 ms typical write cycle time, byte or page
• 64-byte input cache for fast write loads
• Up to 8 devices may be connected to the same
bus for up to 512K bits total memory
• Including 100 kHz (1.8V
≤ Vcc < 4.5V) and 400
kHz (4.5V
≤ VCC ≤ 6.0V) compatibility
• Programmable block security options
• Programmable endurance options
• Schmitt Trigger, filtered inputs for noise
suppression
• Output slope control to eliminate ground bounce
• Self-timed erase and write cycles
• Power-on/off data protection circuitry
• Endurance:
- 10,000,000 E/W cycles for a High Endurance
Block
- 1,000,000 E/W cycles for a Standard
Endurance Block
• Electrostatic discharge protection > 4000V
• Data retention > 200 years
• 8-pin PDIP/SOIC packages
•
Temperature ranges
Description
The
Microchip
Technology
Inc.
24AA65/24LC65/
24C65 (24XX65)* is a “smart” 8K x 8 Serial Electrically
Erasable PROM. This device has been developed for
advanced, low-power applications such as personal
communications, and provides the systems designer
with flexibility through the use of many new user-pro-
grammable features. The 24XX65 offers a relocatable
4K bit block of ultra-high-endurance memory for data
that changes frequently. The remainder of the array, or
60K bits, is rated at 1,000,000 erase/write (E/W) cycles
ensured. The 24XX65 features an input cache for fast
write loads with a capacity of eight pages, or 64 bytes.
This device also features programmable security
options for E/W protection of critical data and/or code
of up to fifteen 4K blocks. Functional address lines
allow the connection of up to eight 24XX65's on the
same bus for up to 512K bits contiguous EEPROM
memory. Advanced CMOS technology makes this
device ideal for low-power nonvolatile code and data
applications. The 24XX65 is available in the standard
8-pin plastic DIP and 8-pin surface mount SOIC
package.
Package Types
Part Number
VCC Range
Page Size
Temp. Ranges
Packages
24AA65
1.8-6.0V
64 Bytes
C
P, SM
24LC65
2.5-6.0V
64 Bytes
C, I
P, SM
24C65
4.5-6.0V
64 Bytes
C, I, E
P, SM
- Commercial (C):
0°C to
+70°C
- Industrial (I)
-40°C to
+85°C
- Automotive (E)
-40°C to +125°C
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
NC
SCL
SDA
PDIP
SOIC
64K I2C™ Smart Serial™ EEPROM
*24XX65 is used in this document as a generic part
number for the 24AA65/24LC65/24C65 devices.


Similar Part No. - 24AA65-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA65-P MICROCHIP-24AA65-P Datasheet
105Kb / 12P
64K 1.8V I 2 C O Smart Serial O EEPROM
1996
24AA65-SM MICROCHIP-24AA65-SM Datasheet
105Kb / 12P
64K 1.8V I 2 C O Smart Serial O EEPROM
1996
More results

Similar Description - 24AA65-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA65 MICROCHIP-24AA65 Datasheet
105Kb / 12P
64K 1.8V I 2 C O Smart Serial O EEPROM
1996
24AA32 MICROCHIP-24AA32_04 Datasheet
137Kb / 14P
32K 1.8V I2C??Smart Serial??EEPROM
2004
24FC65 MICROCHIP-24FC65_04 Datasheet
168Kb / 14P
64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
2004
24AA65 MICROCHIP-24AA65_08 Datasheet
362Kb / 24P
64K I2C??Smart Serial??EEPROM
2008
24AA64T-IMC MICROCHIP-24AA64T-IMC Datasheet
1Mb / 44P
64K I2C??Serial EEPROM
1997-2012
24C65 MICROCHIP-24C65 Datasheet
218Kb / 24P
64K I2C Smart Serial EEPROM
01/02/08
24LC64-I-ST MICROCHIP-24LC64-I-ST Datasheet
370Kb / 26P
64K I2C??Serial EEPROM
07/28/03
24C65 MICROCHIP-24C65 Datasheet
362Kb / 24P
64K I2C Smart Serial EEPROM
01/02/08
24LC64-I MICROCHIP-24LC64-I Datasheet
355Kb / 28P
64K I2C Serial EEPROM
12/08/06
24LC65 MICROCHIP-24LC65 Datasheet
218Kb / 24P
64K I2C Smart Serial EEPROM
07/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com