Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC65-I/P Datasheet(PDF) 4 Page - Microchip Technology

Part # 24FC65-I/P
Description  64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC65-I/P Datasheet(HTML) 4 Page - Microchip Technology

  24FC65-I/P Datasheet HTML 1Page - Microchip Technology 24FC65-I/P Datasheet HTML 2Page - Microchip Technology 24FC65-I/P Datasheet HTML 3Page - Microchip Technology 24FC65-I/P Datasheet HTML 4Page - Microchip Technology 24FC65-I/P Datasheet HTML 5Page - Microchip Technology 24FC65-I/P Datasheet HTML 6Page - Microchip Technology 24FC65-I/P Datasheet HTML 7Page - Microchip Technology 24FC65-I/P Datasheet HTML 8Page - Microchip Technology 24FC65-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
24FC65
DS21125E-page 4
 2004 Microchip Technology Inc.
2.0
FUNCTIONAL DESCRIPTION
The 24FC65 supports a bidirectional two-wire bus and
data transmission protocol. A device that sends data
onto the bus is defined as transmitter, and a device
receiving data as receiver. The bus must be controlled
by a master device which generates the serial clock
(SCL), controls the bus access, and generates the
START and STOPs, while the 24FC65 works as slave.
Both master and slave can operate as transmitter or
receiver but the master device determines which mode
is activated.
3.0
BUS CHARACTERISTICS
The following bus protocol has been defined:
• Data transfer may be initiated only when the bus
is not busy.
• During data transfer, the data line must remain
stable whenever the clock line is HIGH. Changes
in the data line while the clock line is HIGH will be
interpreted as a START or STOP.
Accordingly, the following bus conditions have been
defined (Figure 3-1).
3.1
Bus not Busy (A)
Both data and clock lines remain HIGH.
3.2
Start Data Transfer (B)
A HIGH to LOW transition of the SDA line while the
clock (SCL) is HIGH determines a START. All
commands must be preceded by a START.
3.3
Stop Data Transfer (C)
A LOW to HIGH transition of the SDA line while the
clock (SCL) is HIGH determines a STOP. All operations
must be ended with a STOP.
3.4
Data Valid (D)
The state of the data line represents valid data when,
after a START, the data line is stable for the duration of
the HIGH period of the clock signal.
The data on the line must be changed during the LOW
period of the clock signal. There is one clock pulse per
bit of data.
Each data transfer is initiated with a START and
terminated with a STOP. The number of the data bytes
transferred between the START and STOPs is
determined by the master device.
3.5
Acknowledge
Each receiving device, when addressed, is obliged to
generate an acknowledge after the reception of each
byte. The master device must generate an extra clock
pulse which is associated with this acknowledge bit.
A device that acknowledges must pull down the SDA
line during the acknowledge clock pulse in such a way
that the SDA line is stable LOW during the HIGH period
of the acknowledge related clock pulse. Of course,
setup and hold times must be taken into account.
During reads, a master must signal an end of data to
the slave by NOT generating an acknowledge bit on the
last byte that has been clocked out of the slave. In this
case, the slave (24FC65) must leave the data line
HIGH to enable the master to generate the STOP.
Note:
The 24FC65 does not generate any
acknowledge bits if an internal program-
ming cycle is in progress.
FIGURE 3-1:
DATA TRANSFER SEQUENCE ON THE SERIAL BUS
SCL
SDA
(A)
(B)
START
(C)
(A)
(D)
(D)
Address
or
Acknowledge
Valid
Data Allowed
to Change
STOP
Condition
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com