Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC65-I/P Datasheet(PDF) 7 Page - Microchip Technology

Part # 24FC65-I/P
Description  64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC65-I/P Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24FC65-I/P Datasheet HTML 3Page - Microchip Technology 24FC65-I/P Datasheet HTML 4Page - Microchip Technology 24FC65-I/P Datasheet HTML 5Page - Microchip Technology 24FC65-I/P Datasheet HTML 6Page - Microchip Technology 24FC65-I/P Datasheet HTML 7Page - Microchip Technology 24FC65-I/P Datasheet HTML 8Page - Microchip Technology 24FC65-I/P Datasheet HTML 9Page - Microchip Technology 24FC65-I/P Datasheet HTML 10Page - Microchip Technology 24FC65-I/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2004 Microchip Technology Inc.
DS21125E-page 7
24FC65
5.0
READ OPERATION
Read operations are initiated in the same way as write
operations with the exception that the R/W bit of the
slave address is set to one. There are three basic
types of read operations: current address read, random
read, and sequential read.
5.1
Current Address Read
The 24FC65 contains an address counter that
maintains the address of the last word accessed,
internally incremented by one. Therefore, if the
previous access (either a read or write operation) was
to address n (n is any legal address), the next current
address read operation would access data from
address n + 1. Upon receipt of the slave address with
R/W bit set to one, the 24FC65 issues an acknowledge
and transmits the eight bit data word. The master will
not acknowledge the transfer but does generate a
STOP and the 24FC65 discontinues transmission
(Figure 4-3).
5.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, first the word address must
be set. This is done by sending the word address to the
24FC65 as part of a write operation (R/W bit set to 0).
After the word address is sent, the master generates a
START following the acknowledge. This terminates the
write operation, but not before the internal address
pointer is set. Then the master issues the control byte
again but with the R/W bit set to a one. The 24FC65 will
then issue an acknowledge and transmit the eight bit
data word. The master will not acknowledge the
transfer but does generate a STOP which causes the
24FC65 to discontinue transmission (Figure 4-4).
5.3
Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the 24FC65 transmits
the first data byte, the master issues an acknowledge
as opposed to the STOP used in a random read. This
acknowledge directs the 24FC65 to transmit the next
sequentially
addressed
8
bit
word
(Figure 4-5).
Following the final byte transmitted to the master, the
master will NOT generate an acknowledge but will
generate a STOP.
To provide sequential reads the 24FC65 contains an
internal address pointer which is incremented by one at
the completion of each operation. This address pointer
allows the entire memory contents to be serially read
during one operation.
5.4
Contiguous Addressing Across
Multiple Devices
The device select bits A2, A1, A0 can be used to
expand the contiguous address space for up to
512K-bits by adding up to eight 24FC65's on the same
bus. In this case, software can use A0 of the control
byte as address bit A13, A1 as address bit A14, and A2
as address bit A15.
5.5
Noise Protection
The SCL and SDA inputs incorporate Schmitt triggers
which suppress noise spikes to assure proper device
operation even on a noisy bus.
5.6
High Endurance Block
The location of the high-endurance block within the
memory map is programmed by setting the leading bit
7 (S/HE) of the configuration byte to 0. The upper bits
of the address loaded in this command will determine
which 4K block within the memory map will be set to
high endurance (Figure 8-1). This block will be capable
of 10,000,000 erase/write cycles guaranteed.
5.7
Security Options
The 24FC65 has a sophisticated mechanism for
write-protecting portions of the array. This write protect
function is programmable and allows the user to protect
0-15 contiguous 4K blocks. The user sets the security
option by sending to the device the starting block num-
ber for the protected region and the number of blocks
to be protected. All parts will come from the factory in
the default configuration with the starting block number
set to 15 and the number of protected blocks set to
zero. THE SECURITY OPTION CAN BE SET ONLY
ONCE.
To invoke the security option, a write command is sent
to the device with the leading bit (bit7) of the first
address byte set to a 1 (Figure 8-1). Bits 1-4 of the first
address byte define the starting block number for the
protected region. For example, if the starting block
number is to be set to 5, the first address byte would be
1XX0101X. Bits 0, 5 and 6 of the first address byte are
disregarded by the device and can be either high or
low. The device will acknowledge after the first address
byte. A byte of don't care bits is then sent by the master,
with the device acknowledging afterwards. The third
byte sent to the device has bit7 (S/HE) set high and bit6
(R) set low. Bits 4 and 5 are don't cares and bits 0-3
define the number of blocks to be write protected. For
example, if three blocks are to be protected, the third
Note:
The High Endurance Block cannot be
changed after the security option has been
set. If the H.E. block is not programmed by
the user, the default location is the highest
block of memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com