Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC65-/P Datasheet(PDF) 10 Page - Microchip Technology

Part # 24FC65-/P
Description  64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC65-/P Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24FC65-/P Datasheet HTML 6Page - Microchip Technology 24FC65-/P Datasheet HTML 7Page - Microchip Technology 24FC65-/P Datasheet HTML 8Page - Microchip Technology 24FC65-/P Datasheet HTML 9Page - Microchip Technology 24FC65-/P Datasheet HTML 10Page - Microchip Technology 24FC65-/P Datasheet HTML 11Page - Microchip Technology 24FC65-/P Datasheet HTML 12Page - Microchip Technology 24FC65-/P Datasheet HTML 13Page - Microchip Technology 24FC65-/P Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
24FC65
DS21125E-page 10
 2004 Microchip Technology Inc.
FIGURE 7-1:
CACHE WRITE TO THE ARRAY STARTING AT A PAGE BOUNDARY
FIGURE 7-2:
CACHE WRITE TO THE ARRAY STARTING AT A NON-PAGE BOUNDARY
1
Write command initiated at byte 0 of page 3 in the array;
First data byte is loaded into the cache byte 0.
2 64 bytes of data are loaded into cache.
cache page 0
cache
byte 0
cache
byte 1
• • •
cache
byte 7
cache page 1
bytes 8-15
cache page 2
bytes 16-23
• • •
cache page 7
bytes 56-63
4
Remaining pages in cache are written
to sequential pages in array.
page 0 page 1 page 2 byte 0 byte 1
• • • byte 7 page 4 • • •
page 0 page 1 page 2
page 3
page 4
• • •
page 7
page 7
array row n
array row n + 1
3
Write from cache into array initiated by STOP bit.
Page 0 of cache written to page 3 of array.
Write cycle is executed after every page is written.
5 Last page in cache written to page 2 in next row.
1
Write command initiated; 64 bytes of data
loaded into cache starting at byte 2 of page 0.
cache
byte 0
cache
byte 1
• • •
cache
byte 7
cache page 1
bytes 8-15
cache page 2
bytes 16-23
• • •
cache page 7
bytes 56-63
page 0 page 1 page 2 byte 0 byte 1
page 4
• • •
page 0 page 1 page 2
page 3
page 4
• • •
page 7
page 7
4
Write from cache into array initiated by STOP bit.
Page 0 of cache written to page 3 of array.
Write cycle is executed after every page is written.
6 Last 3 pages in cache written to next row in array.
cache
byte 2
2
Last 2 bytes ‘roll ever’
to beginning.
3
5
Remaining bytes in cache
are written sequentially to
array.
Last 2 bytes
loaded into page
0 of cache.
byte 2 byte 3 byte 4
• • • byte 7
array row n
array row n+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com