Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24FC65-/P Datasheet(PDF) 11 Page - Microchip Technology

Part # 24FC65-/P
Description  64K 5.0V 1 MHz I2C??Smart Serial??EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24FC65-/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24FC65-/P Datasheet HTML 6Page - Microchip Technology 24FC65-/P Datasheet HTML 7Page - Microchip Technology 24FC65-/P Datasheet HTML 8Page - Microchip Technology 24FC65-/P Datasheet HTML 9Page - Microchip Technology 24FC65-/P Datasheet HTML 10Page - Microchip Technology 24FC65-/P Datasheet HTML 11Page - Microchip Technology 24FC65-/P Datasheet HTML 12Page - Microchip Technology 24FC65-/P Datasheet HTML 13Page - Microchip Technology 24FC65-/P Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
 2004 Microchip Technology Inc.
DS21125E-page 11
24FC65
8.0
PIN DESCRIPTIONS
8.1
A0, A1, A2 Chip Address Inputs
The A0..A2 inputs are used by the 24FC65 for multiple
device operation and conform to the two-wire bus
standard. The levels applied to these pins define the
address block occupied by the device in the address
map. A particular device is selected by transmitting the
corresponding bits (A2, A1, A0) in the control byte
(Figure 3-2 and Figure 8-1).
8.2
SDA Serial Address/Data Input/Output
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an open
drain terminal, therefore the SDA bus requires a pullup
resistor to VCC (typical 2 K
Ω, must consider total bus
capacitance and maximum rise/fall times).
For normal data transfer SDA is allowed to change only
during SCL low. Changes during SCL high are
reserved for indicating the START and STOPs.
8.3
SCL Serial Clock
This input is used to synchronize the data transfer from
and to the device.
FIGURE 8-1:
CONTROL SEQUENCE BIT ASSIGNMENTS
RX X
B
3
B
2
B
1
B
0
S0 0
A
12
A
11
A
10
A
9
A
8
CONTROL
BYTE
ADDRESS
BYTE 0
1 010
A
2
A
1
A
0
R
W
•
A
7
•• •• •
A
0
ADDRESS
BYTE 1
CONFIGURATION
BYTE
Slave
Address
Device
Select
Bits
Block
Count
S/HE
Acknowledges from Device
S
S
A
Data from Device
1 01 0
A
2
A
1
A
0 0 C
K
A
C
K
A
C
K
A
C
K
1X X X X X X X
XX X X XX X X
1 1 X X XX XX
11 1 1
B
3
B
2
B
1
B
0
A
C
K
11 1 1 N
3
N
2
N
1
N
0
Data from Device
S/HE
Starting Block
Number
Number of
Blocks to
Protect
No
ACK
t
o
p
Acknowledge
from Master
t
a
r
t
Security Read
R
Acknowledges from Device
S
S
A
10 10
A
2
A
1
A
0 0 C
K
A
C
K
A
C
K
A
C
K
1X X
X
XX X X XX XX
10 X X N
3
N
2
N
1
N
0
S/HE
t
o
p
t
a
r
t
Security Write
B
3
B
2
B
1
B
0
R
Starting Block
Number
Number of
Blocks to
Protect
Acknowledges from Device
S
S
A
Data from Device
10 1 0
A
2
A
1
A
0 0 C
K
A
C
K
A
C
K
A
C
K
1X X X X X X X
XX X X X X XX
01 X X X X X X
11 1 1
B
3
B
2
B
1
B
0
A
C
K
High Endurance
Block Number
No
ACK
t
o
p
t
a
r
t
High Endurance Block Read
R
S/HE
Acknowledges from Device
S
S
A
10 10
A
2
A
1
A
0 0 C
K
A
C
K
A
C
K
A
C
K
1X X
X
XX X X X X XX
00 X X 00 00
B
3
B
2
B
1
B
0
S/HE
t
o
p
t
a
r
t
High Endurance Block Write
R
High Endurance
Block Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com