Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS21-/P Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LCS21-/P
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS21-/P Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LCS21-/P Datasheet HTML 4Page - Microchip Technology 24LCS21-/P Datasheet HTML 5Page - Microchip Technology 24LCS21-/P Datasheet HTML 6Page - Microchip Technology 24LCS21-/P Datasheet HTML 7Page - Microchip Technology 24LCS21-/P Datasheet HTML 8Page - Microchip Technology 24LCS21-/P Datasheet HTML 9Page - Microchip Technology 24LCS21-/P Datasheet HTML 10Page - Microchip Technology 24LCS21-/P Datasheet HTML 11Page - Microchip Technology 24LCS21-/P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
24LCS21
DS21127F-page 8
© 2005 Microchip Technology Inc.
4.0
WRITE OPERATION
4.1
Byte Write
Following the Start signal from the master, the slave
address (4 bits), three zero bits (000) and the R/W bit,
which is a logic low, are placed onto the bus by the
master transmitter. This indicates to the addressed
slave receiver that a byte with a word address will
follow after it has generated an Acknowledge bit during
the ninth clock cycle. Therefore, the next byte
transmitted by the master is the word address and will
be written into the Address Pointer of the 24LCS21.
After receiving another Acknowledge signal from the
24LCS21, the master device will transmit the data word
to be written into the addressed memory location. The
24LCS21
acknowledges
again
and
the
master
generates a Stop condition. This initiates the internal
write cycle, and during this time the 24LCS21 will not
generate Acknowledge signals (Figure 4-1).
It is required that VCLK be held at a logic high level
during command and data transfer in order to program
the device. This applies to both byte write and page
write operation. Note, however, that the VCLK is ignored
during the self-timed program operation. Changing
VCLK from high-to-low during the self-timed program
operation will not halt programming of the device.
FIGURE 4-1:
BYTE WRITE
FIGURE 4-2:
VCLK WRITE ENABLE TIMING
Bus Activity
SDA Line
Bus Activity
Control
Byte
Word
Address
Data
S
T
O
P
S
T
A
R
T
A
C
K
S
P
A
C
K
A
C
K
VCLK
Activity
TSPVL
TSU:STO
THD:STA
TVHST
VCLK
SDA
IN
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com