Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS21-/P Datasheet(PDF) 11 Page - Microchip Technology

Part # 24LCS21-/P
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS21-/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24LCS21-/P Datasheet HTML 7Page - Microchip Technology 24LCS21-/P Datasheet HTML 8Page - Microchip Technology 24LCS21-/P Datasheet HTML 9Page - Microchip Technology 24LCS21-/P Datasheet HTML 10Page - Microchip Technology 24LCS21-/P Datasheet HTML 11Page - Microchip Technology 24LCS21-/P Datasheet HTML 12Page - Microchip Technology 24LCS21-/P Datasheet HTML 13Page - Microchip Technology 24LCS21-/P Datasheet HTML 14Page - Microchip Technology 24LCS21-/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
© 2005 Microchip Technology Inc.
DS21127F-page 11
24LCS21
6.0
WRITE PROTECTION
When using the 24LCS21 in the Bidirectional mode, the
VCLK pin operates as the write-protect control pin. Set-
ting VCLK high allows normal write operations, while
setting VCLK low prevents writing to any location in the
array. Connecting the VCLK pin to VSS would allow the
24LCS21 to operate as a serial ROM, although this
configuration would prevent using the device in the
Transmit-Only mode.
Additionally, pin 3 performs a flexible write-protect
function. The 24LCS21 contains a write protection
control fuse whose factory default state is cleared.
Writing any data to address 7Fh (normally the
checksum in DDC applications) sets the fuse which
enables the WP pin. Until this fuse is set, the 24LCS21
is always write enabled (if VCLK = 1). After the fuse is
set, the write capability of the 24LCS21 is determined
by WP (Figure 6-1).
TABLE 6-1:
WRITE-PROTECT TRUTH
TABLE
7.0
READ OPERATION
Read operations are initiated in the same way as write
operations with the exception that the R/W bit of the
slave address is set to one. There are three basic types
of read operations: current address read, random read
and sequential read.
7.1
Current Address Read
The 24LCS21 contains an address counter that
maintains the address of the last word accessed,
internally incremented by one. Therefore, if the
previous access (either a read or write operation) was
to address n, the next current address read operation
would access data from address n + 1. Upon receipt of
the slave address with R/W bit set to one, the 24LCS21
issues an acknowledge and transmits the eight-bit data
word. The master will not acknowledge the transfer, but
does generate a Stop condition and the 24LCS21
discontinues transmission (Figure 7-1).
FIGURE 7-1:
CURRENT ADDRESS
READ
7.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, first the word address must
be set. This is done by sending the word address to the
24LCS21 as part of a write operation. After the word
address is sent, the master generates a Start condition
following the acknowledge. This terminates the write
operation, but not before the internal Address Pointer is
set. Then the master issues the control byte again but
with the R/W bit set to a one. The 24LCS21 will then
issue an acknowledge and transmits the eight-bit data
word. The master will not acknowledge the transfer, but
does generate a Stop condition and the 24LCS21
discontinues transmission (Figure 7-2).
VCLK
WP
Add. 7Fh
Written
Mode
0XX
Read-only
1X
No
R/W
11
/open
Yes
R/W
10
Yes
Read-only
Control
A
C
K
S
S
T
A
R
T
S
T
O
P
P
Byte
Data n
Bus Activity
SDA Line
Bus Activity
A
C
K
N
O
Master
101 0000 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com