Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93AA46/SM Datasheet(PDF) 7 Page - Microchip Technology

Part # 93AA46/SM
Description  1K/2K/4K 1.8V Microwire Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46/SM Datasheet(HTML) 7 Page - Microchip Technology

Back Button 93AA46/SM Datasheet HTML 3Page - Microchip Technology 93AA46/SM Datasheet HTML 4Page - Microchip Technology 93AA46/SM Datasheet HTML 5Page - Microchip Technology 93AA46/SM Datasheet HTML 6Page - Microchip Technology 93AA46/SM Datasheet HTML 7Page - Microchip Technology 93AA46/SM Datasheet HTML 8Page - Microchip Technology 93AA46/SM Datasheet HTML 9Page - Microchip Technology 93AA46/SM Datasheet HTML 10Page - Microchip Technology 93AA46/SM Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
 2004 Microchip Technology Inc.
DS20067J-page 7
93AA46/56/66
2.7
Write
The WRITE instruction is followed by 16 bits (or by 8
bits) of data which are written into the specified
address. After the last data bit is put on the DI pin,
CS must be brought low before the next rising edge
of the CLK clock. This falling edge of CS initiates the
self-timed auto-erase and programming cycle.
The DO pin indicates the Ready/Busy status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL) and before the entire write cycle is complete.
DO at logical “0” indicates that programming is still in
progress. DO at logical “1” indicates that the register at
the specified address has been written with the data
specified and the device is ready for another
instruction.
The write cycle takes 4 ms per word typical.
2.8
Erase All (ERAL)
The ERAL instruction will erase the entire memory array
to the logical “1” state. The ERAL cycle is identical to
the erase cycle except for the different opcode. The
ERAL cycle is completely self-timed and commences
at the falling edge of the CS. Clocking of the CLK pin is
not necessary after the device has entered the Self
Clocking mode. The ERAL instruction is ensured at 5V
± 10%.
The DO pin indicates the Ready/Busy status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL) and before the entire write cycle is complete.
The ERAL cycle takes (8 ms typical).
2.9
Write All (WRAL)
The WRAL instruction will write the entire memory array
with the data specified in the command. The WRAL
cycle is completely self-timed and commences at the
falling edge of the CS. Clocking of the CLK pin is not
necessary after the device has entered the Self Clock-
ing mode. The WRAL command does include an auto-
matic ERAL cycle for the device. Therefore, the WRAL
instruction does not require an ERAL instruction but the
chip must be in the EWEN status. The WRAL instruction
is ensured at 5V
± 10%.
The DO pin indicates the Ready/Busy status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL).
The WRAL cycle takes 16 ms typical.
FIGURE 2-1:
SYNCHRONOUS DATA TIMING
CS
CLK
DI
DO
(Read)
DO
(Program)
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
VOH
VOL
TCSS
TDIS
TSV
TCSH
TCKL
TCKH
TDIH
TPD
TPD
TCZ
TCZ
Status Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com