Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93AA46/SM Datasheet(PDF) 12 Page - Microchip Technology

Part # 93AA46/SM
Description  1K/2K/4K 1.8V Microwire Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46/SM Datasheet(HTML) 12 Page - Microchip Technology

Back Button 93AA46/SM Datasheet HTML 8Page - Microchip Technology 93AA46/SM Datasheet HTML 9Page - Microchip Technology 93AA46/SM Datasheet HTML 10Page - Microchip Technology 93AA46/SM Datasheet HTML 11Page - Microchip Technology 93AA46/SM Datasheet HTML 12Page - Microchip Technology 93AA46/SM Datasheet HTML 13Page - Microchip Technology 93AA46/SM Datasheet HTML 14Page - Microchip Technology 93AA46/SM Datasheet HTML 15Page - Microchip Technology 93AA46/SM Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
93AA46/56/66
DS20067J-page 12
 2004 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
XXXXXNNN
8-Lead PDIP
XXXXXXXX
YYWW
017
Example
93AA46
0410
8-Lead SOIC (.150”)
XXXXXXXX
XXXXYYWW
NNN
Example
93AA46
/SN0410
017
8-Lead SOIC (.208”)
XXXXXXXX
XXXXXXXX
YYWWNNN
Example
93AA46X
/SM
0310017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com