Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS301-/SN Datasheet(PDF) 8 Page - Microchip Technology

Part # HCS301-/SN
Description  KEELOQ CODE HOPPING ENCODER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS301-/SN Datasheet(HTML) 8 Page - Microchip Technology

Back Button HCS301-/SN Datasheet HTML 4Page - Microchip Technology HCS301-/SN Datasheet HTML 5Page - Microchip Technology HCS301-/SN Datasheet HTML 6Page - Microchip Technology HCS301-/SN Datasheet HTML 7Page - Microchip Technology HCS301-/SN Datasheet HTML 8Page - Microchip Technology HCS301-/SN Datasheet HTML 9Page - Microchip Technology HCS301-/SN Datasheet HTML 10Page - Microchip Technology HCS301-/SN Datasheet HTML 11Page - Microchip Technology HCS301-/SN Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
HCS301
DS21143B-page 8
© 2001 Microchip Technology Inc.
of unique values. This can be done by programming
OVR0 and OVR1 to 1s at the time of production. The
encoder will automatically clear OVR0 the first time that
the synchronization value wraps from 0xFFFF to
0x0000 and clear OVR1 the second time the counter
wraps. Once cleared, OVR0 and OVR1 cannot be set
again, thereby creating a permanent record of the
counter overflow. This prevents fast cycling of 64K
counter. If the decoder system is programmed to track
the overflow bits, then the effective number of unique
synchronization values can be extended to 196,608.
3.6.3
BAUD RATE SELECT BITS
(BSL0, BSL1)
BSL0 and BSL1 select the speed of transmission and
the code word blanking. Table 3-3 shows how the bits
are used to select the different baud rates and
Section 5.7 provides detailed explanation in code word
blanking.
TABLE 3-3:
BAUD RATE SELECT
3.6.4
LOW VOLTAGE TRIP POINT
SELECT
The low voltage trip point select bit is used to tell the
HCS301 what VDD level is being used. This information
will be used by the device to determine when to send the
voltage low signal to the receiver. When this bit is set to
a one, the VDD level is assumed to be operating from a
9V or 12V VDD level. If the bit is set low, then the VDD level
is assumed to be 6.0 volts. Refer to Figure 3-1 for volt-
age trip point.
FIGURE 3-1:
VOLTAGE TRIP POINTS
BY CHARACTERIZATION
BSL1
BSL0
Basic Pulse
Element
Code Words
Transmitted
0
0
400
µsAll
0
1
200
µs
1 out of 2
1
0
100
µs
1 out of 2
1
1
100
µs
1 out of 4
-40
20
40
100
8.5
7.5
8.0
7.0
9.0
2.5
3.0
3.5
4.0
VLOW
Temp (C)
Volts (V)
VLOW sel = 1
VLOW sel = 0
4.5
-20
0
60
80
5.0
5.5
Max
Min
Max
Min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com