Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS301-/SN Datasheet(PDF) 18 Page - Microchip Technology

Part # HCS301-/SN
Description  KEELOQ CODE HOPPING ENCODER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS301-/SN Datasheet(HTML) 18 Page - Microchip Technology

Back Button HCS301-/SN Datasheet HTML 14Page - Microchip Technology HCS301-/SN Datasheet HTML 15Page - Microchip Technology HCS301-/SN Datasheet HTML 16Page - Microchip Technology HCS301-/SN Datasheet HTML 17Page - Microchip Technology HCS301-/SN Datasheet HTML 18Page - Microchip Technology HCS301-/SN Datasheet HTML 19Page - Microchip Technology HCS301-/SN Datasheet HTML 20Page - Microchip Technology HCS301-/SN Datasheet HTML 21Page - Microchip Technology HCS301-/SN Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
HCS301
DS21143B-page 18
© 2001 Microchip Technology Inc.
8.0
ELECTRICAL CHARACTERISTICS
TABLE 8-1:
ABSOLUTE MAXIMUM RATINGS
TABLE 8-2:
DC CHARACTERISTICS
Symbol
Item
Rating
Units
VDD
Supply voltage
-0.3 to 13.3
V
VIN
Input voltage
-0.3 to 13.3
V
VOUT
Output voltage
-0.3 to VDD + 0.3
V
IOUT
Max output current
25
mA
TSTG
Storage temperature
-55 to +125
°C (Note)
TLSOL
Lead soldering temp
300
°C (Note)
VESD
ESD rating
4000
V
Note:
Stresses above those listed under “ABSOLUTE MAXIMUM RATINGS” may cause permanent damage to
the device.
Commercial (C):
Tamb = 0 °C to +70 °C
Industrial
(I):
Tamb = -40 °C to +85 °C
3.5V < VDD < 13.0V
Parameter
Sym.
Min
Typ*
Max
Unit
Conditions
Operating current (avg)
ICC
0.6
1.5
8.0
1.0
3.0
12.0
mA
VDD = 3.5V
VDD = 6.6V
VDD = 13.0V
(Figure 8-1)
Standby current
ICCS
110
µA
High level Input voltage
VIH
0.4 VDD
VDD+
0.3
V
Low level input voltage
VIL
-0.3
0.15 VDD
V
High level output voltage
VOH
0.5 VDD
VIOH = -2 mA
Low level output voltage
VOL
0.08 VDD
VIOL = 2 mA
LED sink current
ILED
3.5
2.7
4.7
3.7
5.9
4.6
mA
VDD = 6.6V, VLOW source = 0
VDD = 13.0V, VLOW source = 1
Pull-down Resistance;
S0-S3
RS0-3
40
60
80
k
VIN = 4.0V
Pull-down Resistance;
PWM
RPWM
80
120
160
k
VIN = 4.0V
Note:
Typical values are at 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com