Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3359 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 90 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 86Page - Texas Instruments AM3359 Datasheet HTML 87Page - Texas Instruments AM3359 Datasheet HTML 88Page - Texas Instruments AM3359 Datasheet HTML 89Page - Texas Instruments AM3359 Datasheet HTML 90Page - Texas Instruments AM3359 Datasheet HTML 91Page - Texas Instruments AM3359 Datasheet HTML 92Page - Texas Instruments AM3359 Datasheet HTML 93Page - Texas Instruments AM3359 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 256 page
background image
90
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Specifications
Copyright © 2011–2020, Texas Instruments Incorporated
DC Electrical Characteristics (continued)
over recommended ranges of supply voltage and operating temperature (unless otherwise noted)
(1)
PARAMETER
MIN
NOM
MAX
UNIT
VIL
Low-level input voltage
0.35 ×
VDDS_RTC
V
VHYS
Hysteresis voltage at an input
0.065
V
II
Input leakage current
–1
1
µA
PMIC_POWER_EN
VOH
High-level output voltage, driver enabled, pullup or
pulldown disabled
IOH = 6 mA
VDDS_RTC –
0.45
V
VOL
Low-level output voltage, driver enabled, pullup or
pulldown disabled
IOL = 6 mA
0.45
V
II
Input leakage current, Receiver disabled, pullup or pulldown inhibited
–1
1
µA
Input leakage current, Receiver disabled, pullup enabled
–200
–40
Input leakage current, Receiver disabled, pulldown enabled
40
200
IOZ
Total leakage current through the terminal connection of a driver-receiver
combination that may include a pullup or pulldown. The driver output is
disabled and the pullup or pulldown is inhibited.
–1
1
µA
EXT_WAKEUP
VIH
High-level input voltage
0.65 ×
VDDS_RTC
V
VIL
Low-level input voltage
0.35 ×
VDDS_RTC
V
VHYS
Hysteresis voltage at an input
0.15
V
II
Input leakage current, Receiver disabled, pullup or pulldown inhibited
–1
1
µA
Input leakage current, Receiver disabled, pullup enabled
–200
–40
Input leakage current, Receiver disabled, pulldown enabled
40
200
XTALIN (OSC0)
VIH
High-level input voltage
0.65 ×
VDDS_OSC
V
VIL
Low-level input voltage
0.35 ×
VDDS_OSC
V
RTC_XTALIN (OSC1)
VIH
High-level input voltage
0.65 ×
VDDS_RTC
V
VIL
Low-level input voltage
0.35 ×
VDDS_RTC
V
All other LVCMOS pins (VDDSHVx = 1.8 V; x = 1 to 6)
VIH
High-level input voltage
0.65 × VDDSHVx
V
VIL
Low-level input voltage
0.35 × VDDSHVx
V
VHYS
Hysteresis voltage at an input
0.18
0.305
V
VOH
High-level output voltage, driver enabled, pullup or
pulldown disabled
IOH = 6 mA
VDDSHVx – 0.45
V
VOL
Low-level output voltage, driver enabled, pullup or
pulldown disabled
IOL = 6 mA
0.45
V
II
Input leakage current, Receiver disabled, pullup or pulldown inhibited
8
µA
Input leakage current, Receiver disabled, pullup enabled
–161
–100
–52
Input leakage current, Receiver disabled, pulldown enabled
52
100
170
IOZ
Total leakage current through the terminal connection of a driver-receiver
combination that may include a pullup or pulldown. The driver output is
disabled and the pullup or pulldown is inhibited.
8
µA
All other LVCMOS pins (VDDSHVx = 3.3 V; x = 1 to 6)
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VHYS
Hysteresis voltage at an input
0.265
0.44
V
VOH
High-level output voltage, driver enabled, pullup or
pulldown disabled
IOH = 6 mA
VDDSHVx – 0.45
V
VOL
Low-level output voltage, driver enabled, pullup or
pulldown disabled
IOL = 6 mA
0.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com