Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3359 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 96 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 92Page - Texas Instruments AM3359 Datasheet HTML 93Page - Texas Instruments AM3359 Datasheet HTML 94Page - Texas Instruments AM3359 Datasheet HTML 95Page - Texas Instruments AM3359 Datasheet HTML 96Page - Texas Instruments AM3359 Datasheet HTML 97Page - Texas Instruments AM3359 Datasheet HTML 98Page - Texas Instruments AM3359 Datasheet HTML 99Page - Texas Instruments AM3359 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 256 page
background image
96
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717L – OCTOBER 2011 – REVISED MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Specifications
Copyright © 2011–2020, Texas Instruments Incorporated
5.10 Touch Screen Controller and Analog-to-Digital Subsystem Electrical Parameters
The touch screen controller (TSC) and analog-to-digital converter (ADC) subsystem (TSC_ADC) is an 8-
channel general-purpose ADC with optional support for interleaving TSC conversions for 4-wire, 5-wire, or
8-wire resistive panels. The TSC_ADC subsystem can be configured for use in one of the following
applications:
•
8 general-purpose ADC channels
•
4-wire TSC with 4 general-purpose ADC channels
•
5-wire TSC with 3 general-purpose ADC channels
•
8-wire TSC.
Table 5-16 summarizes the TSC_ADC subsystem electrical parameters.
Table 5-16. TSC_ADC Electrical Parameters
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Analog Input
VREFP(1)
(0.5 × VDDA_ADC) +
0.25
VDDA_ADC
V
VREFN(1)
0
(0.5 × VDDA_ADC) –
0.25
V
VREFP + VREFN(1)
VDDA_ADC
V
Full-scale input range
Internal voltage reference
0
VDDA_ADC
V
External voltage reference
VREFN
VREFP
Differential nonlinearity
(DNL)
Internal voltage reference:
VDDA_ADC = 1.8 V
External voltage reference:
VREFP – VREFN = 1.8 V
–1
0.5
1
LSB
Integral nonlinearity (INL)
Source impedance = 50 Ω
Internal voltage reference:
VDDA_ADC = 1.8 V
External voltage reference:
VREFP – VREFN = 1.8 V
–2
±1
2
LSB
Source impedance = 1 kΩ
Internal voltage reference:
VDDA_ADC = 1.8 V
External voltage reference:
VREFP – VREFN = 1.8 V
±1
Gain error
Internal voltage reference:
VDDA_ADC = 1.8 V
External voltage reference:
VREFP – VREFN = 1.8 V
±2
LSB
Offset error
Internal voltage reference:
VDDA_ADC = 1.8 V
External voltage reference:
VREFP – VREFN = 1.8 V
±2
LSB
Input sampling capacitance
5.5
pF
Signal-to-noise ratio (SNR)
Internal voltage reference:
VDDA_ADC = 1.8 V
External voltage reference:
VREFP – VREFN = 1.8 V
Input signal: 30-kHz sine wave at
–0.5-dB full scale
70
dB
Total harmonic distortion
(THD)
Internal voltage reference:
VDDA_ADC = 1.8 V
External voltage reference:
VREFP – VREFN = 1.8 V
Input signal: 30-kHz sine wave at
–0.5-dB full scale
75
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com