Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC166APWR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC166APWR
Description  SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC166APWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC166APWR Datasheet HTML 2Page - Texas Instruments SN74LVC166APWR Datasheet HTML 3Page - Texas Instruments SN74LVC166APWR Datasheet HTML 4Page - Texas Instruments SN74LVC166APWR Datasheet HTML 5Page - Texas Instruments SN74LVC166APWR Datasheet HTML 6Page - Texas Instruments SN74LVC166APWR Datasheet HTML 7Page - Texas Instruments SN74LVC166APWR Datasheet HTML 8Page - Texas Instruments SN74LVC166APWR Datasheet HTML 9Page - Texas Instruments SN74LVC166APWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
5.6 Timing Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
CONDITION
VCC
-40°C to 125°C
UNIT
MIN
MAX
tW
Pulse duration
CLK
1.2 V ± 0.1 V
7
ns
tSU
Setup time
SH/LD high before CLK↑
1.2 V ± 0.1 V
16.5
ns
tSU
Setup time
SER before CLK↑
1.2 V ± 0.1 V
10.1
ns
tSU
Setup time
CLK INH before CLK↑
1.2 V ± 0.1 V
1
ns
tSU
Setup time
Data before CLK↑
1.2 V ± 0.1 V
10
ns
tSU
Setup time
CLR inactive before CLK↑
1.2 V ± 0.1 V
10.1
ns
tH
Hold time
SER data after CLK↑
1.2 V ± 0.1 V
0.4
ns
tH
Hold time
Parallel data after SH/LD↓
1.2 V ± 0.1 V
1.8
ns
tH
Hold time
SH/LD high after CLK↑
1.2 V ± 0.1 V
0
ns
tH
Hold time
CLK INH high after CLK↑
1.2 V ± 0.1 V
0.4
ns
tH
Hold time
Data after CLK↑
1.2 V ± 0.1 V
1
ns
tW
Pulse duration
CLR low
1.5 V ± 0.15 V
6.9
ns
tW
Pulse duration
SH/LD low
1.5 V ± 0.15 V
6.9
ns
tW
Pulse duration
CLK
1.5 V ± 0.15 V
7
ns
tSU
Setup time
SH/LD high before CLK↑
1.5 V ± 0.15 V
10
ns
tSU
Setup time
SER before CLK↑
1.5 V ± 0.15 V
10.1
ns
tSU
Setup time
CLK INH before CLK↑
1.5 V ± 0.15 V
1
ns
tSU
Setup time
Data before CLK↑
1.5 V ± 0.15 V
10
ns
tSU
Setup time
CLR inactive before CLK↑
1.5 V ± 0.15 V
10.1
ns
tH
Hold time
SER data after CLK↑
1.5 V ± 0.15 V
1.2
ns
tH
Hold time
Parallel data after SH/LD↓
1.5 V ± 0.15 V
1.9
ns
tH
Hold time
SH/LD high after CLK↑
1.5 V ± 0.15 V
1
ns
tH
Hold time
CLK INH high after CLK↑
1.5 V ± 0.15 V
0.6
ns
tH
Hold time
Data after CLK↑
1.5 V ± 0.15 V
1.8
ns
tW
Pulse duration
CLR low
1.8 V ± 0.15 V
6.9
ns
tW
Pulse duration
SH/LD low
1.8 V ± 0.15 V
6.9
ns
tW
Pulse duration
CLK
1.8 V ± 0.15 V
7
ns
tSU
Setup time
SH/LD high before CLK↑
1.8 V ± 0.15 V
8
ns
tSU
Setup time
SER before CLK↑
1.8 V ± 0.15 V
10.1
ns
tSU
Setup time
CLK INH before CLK↑
1.8 V ± 0.15 V
1
ns
tSU
Setup time
Data before CLK↑
1.8 V ± 0.15 V
8
ns
tSU
Setup time
CLR inactive before CLK↑
1.8 V ± 0.15 V
10.1
ns
tH
Hold time
SER data after CLK↑
1.8 V ± 0.15 V
0.2
ns
tH
Hold time
Parallel data after SH/LD↓
1.8 V ± 0.15 V
0.8
ns
tH
Hold time
SH/LD high after CLK↑
1.8 V ± 0.15 V
0
ns
tH
Hold time
CLK INH high after CLK↑
1.8 V ± 0.15 V
0.3
ns
tH
Hold time
Data after CLK↑
1.8 V ± 0.15 V
1
ns
tW
Pulse duration
CLR low
2.5 V ± 0.2 V
5.4
ns
tW
Pulse duration
SH/LD low
2.5 V ± 0.2 V
5.4
ns
tW
Pulse duration
CLK
2.5 V ± 0.2 V
4.5
ns
tSU
Setup time
SH/LD high before CLK↑
2.5 V ± 0.2 V
4.5
ns
tSU
Setup time
SER before CLK↑
2.5 V ± 0.2 V
5.9
ns
tSU
Setup time
CLK INH before CLK↑
2.5 V ± 0.2 V
1
ns
SN74LVC166A
SCLSA15 – MAY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74LVC166A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com