Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC166APWR Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LVC166APWR
Description  SN74LVC166A 8-Bit Parallel-Load Shift Registers with Clear
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC166APWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC166APWR Datasheet HTML 9Page - Texas Instruments SN74LVC166APWR Datasheet HTML 10Page - Texas Instruments SN74LVC166APWR Datasheet HTML 11Page - Texas Instruments SN74LVC166APWR Datasheet HTML 12Page - Texas Instruments SN74LVC166APWR Datasheet HTML 13Page - Texas Instruments SN74LVC166APWR Datasheet HTML 14Page - Texas Instruments SN74LVC166APWR Datasheet HTML 15Page - Texas Instruments SN74LVC166APWR Datasheet HTML 16Page - Texas Instruments SN74LVC166APWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
VOH
VOL
Output
VCC
0 V
Input
tf
(1)
tr
(1)
90%
10%
90%
10%
tr
(1)
90%
10%
tf
(1)
90%
10%
(1) The greater between tr and tf is the same as tt.
Figure 6-5. Voltage Waveforms, Input and Output
Transition Times
Quiet
Output
VOH(P), VOL(P)
VOL(V)
Noise values measured with all other outputs simultaneously
switching.
Figure 6-6. Voltage Waveforms, Noise
www.ti.com
SN74LVC166A
SCLSA15 – MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74LVC166A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com