Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01C-E/ST Datasheet(PDF) 21 Page - Microchip Technology

Part # 24C01C-E/ST
Description  1K 5.0V I2C ??Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01C-E/ST Datasheet(HTML) 21 Page - Microchip Technology

Back Button 24C01C-E/ST Datasheet HTML 16Page - Microchip Technology 24C01C-E/ST Datasheet HTML 17Page - Microchip Technology 24C01C-E/ST Datasheet HTML 18Page - Microchip Technology 24C01C-E/ST Datasheet HTML 19Page - Microchip Technology 24C01C-E/ST Datasheet HTML 20Page - Microchip Technology 24C01C-E/ST Datasheet HTML 21Page - Microchip Technology 24C01C-E/ST Datasheet HTML 22Page - Microchip Technology 24C01C-E/ST Datasheet HTML 23Page - Microchip Technology 24C01C-E/ST Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
© 2007 Microchip Technology Inc.
DS21201G-page 21
24C01C
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24C01C 1K I2C Serial EEPROM
24C01CT 1K I2C Serial EEPROM (Tape and Reel)
Temperature
Range:
I= -40
°C to +85°C
E= -40
°C to +125°C
Package:
P
=
Plastic DIP (300 mil Body), 8-lead
SN
=
Plastic SOIC, (3.90 mm Body), 8-lead
ST
=
TSSOP (4.4 mm Body), 8-lead
MS
=
Plastic Micro Small Outline (MSOP), 8-lead
MC
=
2x3 DFN, 8-lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com