Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01C-E/ST Datasheet(PDF) 4 Page - Microchip Technology

Part # 24C01C-E/ST
Description  1K 5.0V I2C ??Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01C-E/ST Datasheet(HTML) 4 Page - Microchip Technology

  24C01C-E/ST Datasheet HTML 1Page - Microchip Technology 24C01C-E/ST Datasheet HTML 2Page - Microchip Technology 24C01C-E/ST Datasheet HTML 3Page - Microchip Technology 24C01C-E/ST Datasheet HTML 4Page - Microchip Technology 24C01C-E/ST Datasheet HTML 5Page - Microchip Technology 24C01C-E/ST Datasheet HTML 6Page - Microchip Technology 24C01C-E/ST Datasheet HTML 7Page - Microchip Technology 24C01C-E/ST Datasheet HTML 8Page - Microchip Technology 24C01C-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
24C01C
DS21201G-page 4
© 2007 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
2.1
SDA Serial Data
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an open
drain terminal, therefore the SDA bus requires a pull-up
resistor to VCC (typical 10 k
Ω for 100 kHz, 2 kΩ for
400 kHz).
For normal data transfer SDA is allowed to change only
during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
2.2
SCL Serial Clock
This input is used to synchronize the data transfer from
and to the device.
2.3
A0, A1, A2
The levels on these inputs are compared with the
corresponding bits in the slave address. The chip is
selected if the compare is true.
Up to eight 24C01C devices may be connected to the
same bus by using different Chip Select bit combina-
tions. These inputs must be connected to either VCC or
VSS.
2.4
Test
This pin is utilized for testing purposes only. It may be
tied high, tied low or left floating.
2.5
Noise Protection
The 24C01C employs a VCC threshold detector circuit
which disables the internal erase/write logic if the VCC
is below 3.8 volts at nominal conditions.
The SCL and SDA inputs have Schmitt Trigger and
filter circuits which suppress noise spikes to assure
proper device operation even on a noisy bus.
3.0
FUNCTIONAL DESCRIPTION
The 24C01C supports a bidirectional 2-wire bus and
data transmission protocol. A device that sends data
onto the bus is defined as transmitter, and a device
receiving data as receiver. The bus has to be controlled
by a master device which generates the Serial Clock
(SCL), controls the bus access, and generates the Start
and Stop conditions, while the 24C01C works as slave.
Both master and slave can operate as transmitter or
receiver, but the master device determines which mode
is activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com